Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMZ2012 Datasheet(PDF) 4 Page - TDK Electronics

Part # MMZ2012
Description  Chip Beads For signal line MMZ series
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MMZ2012 Datasheet(HTML) 4 Page - TDK Electronics

  MMZ2012 Datasheet HTML 1Page - TDK Electronics MMZ2012 Datasheet HTML 2Page - TDK Electronics MMZ2012 Datasheet HTML 3Page - TDK Electronics MMZ2012 Datasheet HTML 4Page - TDK Electronics MMZ2012 Datasheet HTML 5Page - TDK Electronics MMZ2012 Datasheet HTML 6Page - TDK Electronics MMZ2012 Datasheet HTML 7Page - TDK Electronics MMZ2012 Datasheet HTML 8Page - TDK Electronics MMZ2012 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
• All specifications are subject to change without notice.
(3/28)
002-01 / 20130301 / e9412_mmz
Chip Beads
For Signal Line
MMZ Series MMZ0603
FEATURES
• This is a multilayered chip bead product with dimensions of
L0.6
W0.3T0.3mm.
• The product is magnetically shielded, allowing high density
mounting.
• We refined the rules for internal conductor design to reduce
floating capacity between conductors, which in turn has
contributed to a dramatic improvement in high frequency
characteristics. We have also been able to expand and reinforce
the EMI suppression in the GHz range.
• It is a product conforming to RoHS directive.
APPLICATIONS
Removal of signal line noises of cellular phones, portable audio
players, various modules, DSCs, portable game machines, etc.
PRODUCT IDENTIFICATION
(1) Series name
(2) Dimensions L
W
(3) Type name
(4) Impedance
121:120
 at 100MHz
(5) Characteristic type
(6) Packaging style
T:Taping
(7) TDK internal code
HANDLING AND PRECAUTIONS
• Before soldering, be sure to preheat components. The preheat-
ing temperature should be set so that the temperature difference
between the solder temperature and product temperature does
not exceed 150°C.
• After mounting components onto the printed circuit board, do not
apply stress through board bending or mishandling.
• Do not expose the inductors to stray magnetic fields.
• Avoid static electricity discharge during handling.
• When hand soldering, apply the soldering iron to the printed cir-
cuit board only. Temperature of the iron tip should not exceed
350°C. Soldering time should not exceed 3 seconds.
MATERIAL CHARACTERISTICS
S material: Standard type that features impedance characteristics
similar to those of a typical ferrite core.
For signal line applications in which the blocking region
is near 100MHz. Impedance values selected for effec-
tiveness at 40 to 300MHz.
Y material: High frequency range type intended for the 100MHz
region and above.
For signal line applications in which the signal fre-
quency is far from the cutoff frequency. Impedance val-
ues selected for effectiveness at 80 to 400MHz.
D material: For applications calling for low insertion loss at low fre-
quencies and sharply increasing impedance at high
frequencies. Designed for high impedance at high fre-
quencies (300MHz to 1GHz) for signal line applica-
tions.
F material: This new product inherits the characteristic of our D-
material, namely its sharp impedance rise time, and its
impedance peak frequency has been shifted higher
into range. The product offers excellent noise suppres-
sion from 600MHz to as high as in the GHz range.
TYPICAL MATERIAL CHARACTERISTICS
Conformity to RoHS Directive
MMZ 0603
S 121 C
T
(1)
(2)
(3) (4) (5) (6)
(7)
0
200
400
600
800
1000
1200
1400
1600
1800
2000
10
100
1000
Frequency(MHz)
S
D
F
Y
• Please contact our Sales office when your application is considered the following:
The device’s failure or malfunction may directly endanger human life (e.g. application for automobile/aircraft/medical/nuclear power devices, etc.)
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com