Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMZ2012 Datasheet(PDF) 23 Page - TDK Electronics

Part # MMZ2012
Description  Chip Beads For signal line MMZ series
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MMZ2012 Datasheet(HTML) 23 Page - TDK Electronics

Back Button MMZ2012 Datasheet HTML 19Page - TDK Electronics MMZ2012 Datasheet HTML 20Page - TDK Electronics MMZ2012 Datasheet HTML 21Page - TDK Electronics MMZ2012 Datasheet HTML 22Page - TDK Electronics MMZ2012 Datasheet HTML 23Page - TDK Electronics MMZ2012 Datasheet HTML 24Page - TDK Electronics MMZ2012 Datasheet HTML 25Page - TDK Electronics MMZ2012 Datasheet HTML 26Page - TDK Electronics MMZ2012 Datasheet HTML 27Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
• All specifications are subject to change without notice.
(22/28)
002-01 / 20130301 / e9412_mmz
TYPICAL ELECTRICAL CHARACTERISTICS
Z, X, R vs. FREQUENCY CHARACTERISTICS
MMZ2012R102A
MMZ2012S400A
MMZ2012S800A
MMZ2012S121A
MMZ2012S181A
MMZ2012S301A
MMZ2012S601A
MMZ2012S102A
MMZ2012Y150B
MMZ2012Y300B
MMZ2012Y600B
MMZ2012Y121B
0
200
400
600
800
1000
1200
1
10
100
1000
10000
Frequency(MHz)
X
Z
R
1
10
100
1000
Frequency(MHz)
0
10
20
30
40
50
60
X
Z
R
10000
1
10
100
1000
10000
Frequency(MHz)
0
X
Z
R
20
40
60
80
100
120
140
0
20
40
60
80
100
120
140
160
180
1
10
100
1000
Frequency(MHz)
10000
X
Z
R
1
10
100
1000
Frequency(MHz)
0
50
100
150
200
250
300
10000
X
Z
R
1
10
100
1000
Frequency(MHz)
0
50
100
150
200
250
300
350
400
450
10000
X
Z
R
1
10
100
1000
Frequency(MHz)
0
10000
X
Z
R
100
200
300
400
500
600
700
1
10
100
1000
Frequency(MHz)
0
10000
X
Z
R
200
400
600
800
1000
1200
1
10
100
1000
Frequency(MHz)
0
10000
X
Z
R
5
10
15
20
25
30
1
10
100
1000
10000
Frequency(MHz)
0
10
20
30
40
50
X
Z
R
120
40
20
60
80
100
0
1
10
100
1000
10000
Frequency(MHz)
Z
R
X
0
50
100
150
200
1
10
100
1000
Frequency(MHz)
10000
X
Z
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com