Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR1010-I/ML Datasheet(PDF) 22 Page - Microchip Technology

Part # AR1010-I/ML
Description  Resistive Touch Screen Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1010-I/ML Datasheet(HTML) 22 Page - Microchip Technology

Back Button AR1010-I/ML Datasheet HTML 18Page - Microchip Technology AR1010-I/ML Datasheet HTML 19Page - Microchip Technology AR1010-I/ML Datasheet HTML 20Page - Microchip Technology AR1010-I/ML Datasheet HTML 21Page - Microchip Technology AR1010-I/ML Datasheet HTML 22Page - Microchip Technology AR1010-I/ML Datasheet HTML 23Page - Microchip Technology AR1010-I/ML Datasheet HTML 24Page - Microchip Technology AR1010-I/ML Datasheet HTML 25Page - Microchip Technology AR1010-I/ML Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 70 page
background image
AR1000 SERIES RESISTIVE TOUCH SCREEN CONTROLLER
DS41393B-page 22
Preliminary
 2009-2012 Microchip Technology Inc.
5.2
SPI Pin Voltage Level
Characteristics
5.3
Data Flow
SPI data is transferred by the host clocking the AR1021
controller’s Serial Clock (SCK) pin.
Each host driven clock cycle simultaneously shifts a bit
of data into and out from the AR1021 controller:
• Out from the AR1021 controller’s Serial Data Out
(SDO) line.
• Into the AR1021 controller’s Serial Data In (SDI)
line.
The data is shifted Most Significant bit (MSb) first.
If the host clocks data out from the AR1021 controller
when no valid data is available, then a byte value of
0x4d will be presented by the controller.
5.4
Touch Report Protocol
The AR1021 controller’s touch reporting is interrupt
driven:
• The AR1021 controller asserts the SIQ interrupt
pin high when it has a touch report ready.
• The host clocks out the bytes of the touch report
packet from the AR1021 controller.
• The AR1021 controller clears the SIQ interrupt pin
low, after the first byte of the touch report packet
has been clocked out by the host.
The communication protocol for the AR1021 controller
reporting touches to the host as shown below in
Figure 5-1.
FIGURE 5-1:
SPI TOUCH REPORT PROTOCOL
TABLE 5-2:
SPI PIN VOLTAGE CHARACTERISTICS
Operating Voltage: 2.5V ≤ VDD ≤ 5.25V
Function
Pin
Input
Output
SCK
SCL/SCK/TX
VSS ≤ VIL ≤ 0.2*VDD
0.8*VDD ≤ VIH ≤ VDD
—
SDI
SDI/SDA/RX
VSS ≤ VIL ≤ 0.2*VDD
0.8*VDD ≤ VIH ≤ VDD
—
SDO
SDO
—
VSS ≤ VOL(1) ≤ (1.2V – 0.15*VDD)(2)
(1.25*VDD – 2.25V)(3) ≤ VOH(1) ≤ VDD
SIQ
SIQ
—
VSS ≤ VOL(1) ≤ (1.2V – 0.15*VDD)(2)
(1.25*VDD – 2.25V)(3) ≤ VOH(1) ≤ VDD
SS
SS
VSS ≤ VIL ≤ 0.2*VDD
0.8*VDD ≤ VIH ≤ VDD
Note 1:
These parameters are characterized but not tested.
2:
At 10 mA.
3:
At -4 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com