Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR1010-I/ML Datasheet(PDF) 24 Page - Microchip Technology

Part # AR1010-I/ML
Description  Resistive Touch Screen Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1010-I/ML Datasheet(HTML) 24 Page - Microchip Technology

Back Button AR1010-I/ML Datasheet HTML 20Page - Microchip Technology AR1010-I/ML Datasheet HTML 21Page - Microchip Technology AR1010-I/ML Datasheet HTML 22Page - Microchip Technology AR1010-I/ML Datasheet HTML 23Page - Microchip Technology AR1010-I/ML Datasheet HTML 24Page - Microchip Technology AR1010-I/ML Datasheet HTML 25Page - Microchip Technology AR1010-I/ML Datasheet HTML 26Page - Microchip Technology AR1010-I/ML Datasheet HTML 27Page - Microchip Technology AR1010-I/ML Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 70 page
background image
AR1000 SERIES RESISTIVE TOUCH SCREEN CONTROLLER
DS41393B-page 24
Preliminary
 2009-2012 Microchip Technology Inc.
5.7
Timing – Bit Details
5.7.1
BIT RATE
The SPI standard does not specify a maximum data
rate for the serial bus. In general, SPI data rates can be
in MHz. Peripherals devices, such as the AR1021
controller, specify their own unique maximum SPI data
rates.
The maximum SPI bit rate for the AR1021 controller is
~900 kHz.
Characterization has been performed at bit rates of ~39
kHz and ~156 kHz.
5.7.2
INTER-BYTE DELAY
The AR1021 controller requires an inter-byte delay of
~50 us. This means the host should wait ~50 us
between the end of clocking a given byte and the start
of clocking the next byte.
5.7.3
BIT TIMING – DETAIL
Characterized timing details are shown below, in
Figure 5-4.
FIGURE 5-4:
SPI BIT TIMING – DETAIL
TABLE 5-3:
SPI BIT TIMING MIN. AND MAX. VALUES
Parameter Number(1)
Parameter Description
Min.
Max.
Units
10
SS↓ (select) to SCK↑ (initial)
500
—
ns
11
SCK high
550
—
ns
12
SCK low
550
—
ns
13
SCK↓ (last) to SS↑ (deselect)
800
—
ns
14
SDI setup before SCK↓
100
—
ns
15
SDI hold after SCK↓
100
—
ns
16
SDO valid after SCK↓
—150
ns
17
SDO↑ rise
—
50
ns
18
SDO↓ fall
—
50
ns
19
SS↑ (deselect) to SDO High-z
10
50
ns
Note 1:
Parameters are characterized, but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com