Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR1010-I/ML Datasheet(PDF) 27 Page - Microchip Technology

Part # AR1010-I/ML
Description  Resistive Touch Screen Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1010-I/ML Datasheet(HTML) 27 Page - Microchip Technology

Back Button AR1010-I/ML Datasheet HTML 23Page - Microchip Technology AR1010-I/ML Datasheet HTML 24Page - Microchip Technology AR1010-I/ML Datasheet HTML 25Page - Microchip Technology AR1010-I/ML Datasheet HTML 26Page - Microchip Technology AR1010-I/ML Datasheet HTML 27Page - Microchip Technology AR1010-I/ML Datasheet HTML 28Page - Microchip Technology AR1010-I/ML Datasheet HTML 29Page - Microchip Technology AR1010-I/ML Datasheet HTML 30Page - Microchip Technology AR1010-I/ML Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 70 page
background image
 2009-2012 Microchip Technology Inc.
Preliminary
DS41393B-page 27
AR1000 SERIES RESISTIVE TOUCH SCREEN CONTROLLER
7.0
TOUCH REPORTING
PROTOCOL
Touch coordinates are sent from the controller to the
host system in a 5-byte data packet, which contains the
X-axis coordinate, Y-axis coordinate, and a “Pen-Up/
Down” touch status.
The range for X-axis and Y-axis coordinates is from 0-
4095 (12-bit). The realized resolution is 1024, and bits
X1:X0 and Y1:Y0 are zeros.
It is recommended that applications be developed to
read the 12-bit coordinates from the packet and use
them in a 12-bit format. This enhances the application
robustness, as it will work with either 10 or 12 bits of
coordinate information.
The touch coordinate reporting protocol is shown below
in Table 7-1.
where:
• P:
0 Pen Up, 1 Pen Down
• R:
Reserved
• X11-X0: X-axis coordinate
• Y11-Y0: Y-axis coordinate
TABLE 7-1:
TOUCH COORDINATE REPORTING PROTOCOL
Byte #
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
1
1
RR
R
R
R
R
P
2
0
X6
X65
X4
X3
X2
X1
X0
3
0
0
0
X11
X10
X9
X8
X7
4
0
Y6
Y5
Y4
Y3
Y2
Y1
Y0
5
0
0
0
Y11
Y10
Y9
Y8
Y7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com