Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR1010-I/ML Datasheet(PDF) 37 Page - Microchip Technology

Part # AR1010-I/ML
Description  Resistive Touch Screen Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1010-I/ML Datasheet(HTML) 37 Page - Microchip Technology

Back Button AR1010-I/ML Datasheet HTML 33Page - Microchip Technology AR1010-I/ML Datasheet HTML 34Page - Microchip Technology AR1010-I/ML Datasheet HTML 35Page - Microchip Technology AR1010-I/ML Datasheet HTML 36Page - Microchip Technology AR1010-I/ML Datasheet HTML 37Page - Microchip Technology AR1010-I/ML Datasheet HTML 38Page - Microchip Technology AR1010-I/ML Datasheet HTML 39Page - Microchip Technology AR1010-I/ML Datasheet HTML 40Page - Microchip Technology AR1010-I/ML Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 70 page
background image
 2009-2012 Microchip Technology Inc.
Preliminary
DS41393B-page 37
AR1000 SERIES RESISTIVE TOUCH SCREEN CONTROLLER
9.2
AR1000 Commands
9.3
AR1000 Command Descriptions
9.3.1
GET_VERSION – 0x10
Controller will return version number and type.
Send:
<0x55><0x01><0x10>
Receive: <0x55><0x05><Response><0x10><Ver-
sion High><Version Low><Type>
where <Type>
REGISTER 9-1:
GET_VERSION <TYPE> FORMAT
9.3.2
ENABLE_TOUCH – 0x12
Controller will send touch coordinate reports for valid
touch conditions.
Send:
<0x55><0x01><0x12>
Receive: <0x55><0x02><Response><0x12>
9.3.3
DISABLE_TOUCH – 0x13
Controller will not send any touch coordinate reports. A
touch will, however, still wake-up the controller if
asleep.
Send:
<0x55><0x01><0x13>
Receive: <0x55><0x02><Response><0x13>
TABLE 9-5:
COMMAND SET SUMMARY
Command
Value
Command Description
0x10
GET_VERSION
0x12
ENABLE_TOUCH
0x13
DISABLE_TOUCH
0x14
CALIBRATE_MODE
0x20
REGISTER_READ
0x21
REGISTER_WRITE
0x22
REGISTER_START_ADDRESS_REQUEST
0x23
REGISTERS_WRITE_TO_EEPROM
0x28
EEPROM_READ
0x29
EEPROM_WRITE
0x2B
EEPROM_WRITE_TO_REGISTERS
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
RS1
RS0
TP5
TP4
TP3
TP2
TP1
TP0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
bit 7-6
RS<1:0>: Resolution of Touch Coordinates bits
00 = 8-bit
01 = 10-bit
10 = 12-bit
bit 5-0
TP<5:0>: Type of Controller bits
001010 = ARA10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com