Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR1010-I/ML Datasheet(PDF) 5 Page - Microchip Technology

Part # AR1010-I/ML
Description  Resistive Touch Screen Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1010-I/ML Datasheet(HTML) 5 Page - Microchip Technology

  AR1010-I/ML Datasheet HTML 1Page - Microchip Technology AR1010-I/ML Datasheet HTML 2Page - Microchip Technology AR1010-I/ML Datasheet HTML 3Page - Microchip Technology AR1010-I/ML Datasheet HTML 4Page - Microchip Technology AR1010-I/ML Datasheet HTML 5Page - Microchip Technology AR1010-I/ML Datasheet HTML 6Page - Microchip Technology AR1010-I/ML Datasheet HTML 7Page - Microchip Technology AR1010-I/ML Datasheet HTML 8Page - Microchip Technology AR1010-I/ML Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 70 page
background image
 2009-2012 Microchip Technology Inc.
Preliminary
DS41393B-page 5
AR1000 SERIES RESISTIVE TOUCH SCREEN CONTROLLER
1.0
DEVICE OVERVIEW
The Microchip mTouchTM AR1000 Series Resistive
Touch Screen Controller is a complete, easy to
integrate, cost-effective and universal touch screen
controller chip.
The AR1000 Series has sophisticated proprietary
touch screen decoding algorithms to process all touch
data, saving the host from the processing overhead.
Providing filtering capabilities beyond that of other
low-cost devices, the AR1000 delivers reliable, vali-
dated, and calibrated touch coordinates.
Using the on-board EEPROM, the AR1000 can store
and independently apply the calibration to the touch
coordinates before sending them to the host. This
unique combination of features makes the AR1000 the
most resource-efficient touch screen controller for
system
designs,
including
embedded
system
integrations.
1.1
Applications
The AR1000 Series is designed for high volume, small
form factor touch solutions with quick time to market
requirements – including, but not limited to:
• Mobile communication devices
• Personal Digital Assistants (PDA)
• Global Positioning Systems (GPS)
• Touch Screen Monitors
•KIOSK
• Media Players
• Portable Instruments
• Point of Sale Terminals
FIGURE 1-1:
BLOCK DIAGRAM
FIGURE 1-2:
PIN DIAGRAM
20
19
18
17
16
15
14
13
12
11
VSS
X-
X+
5WSX-
Y-
Y+
SX+
SDI/SDA/RX
NC
SCK/SCL/TX
1
2
3
4
5
6
7
8
9
10
VDD
M1
SY-
M2
WAKE
SIQ
SY+
SS
SDO
NC
AR1000 Series (SSOP, SOIC)
15
14
13
12
11
X+
5WSX-
Y-
Y+
SX+
1
2
3
4
5
M2
WAKE
SIQ
SY+
SS
AR1000 Series (QFN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com