Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR1010-I/ML Datasheet(PDF) 6 Page - Microchip Technology

Part # AR1010-I/ML
Description  Resistive Touch Screen Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1010-I/ML Datasheet(HTML) 6 Page - Microchip Technology

Back Button AR1010-I/ML Datasheet HTML 2Page - Microchip Technology AR1010-I/ML Datasheet HTML 3Page - Microchip Technology AR1010-I/ML Datasheet HTML 4Page - Microchip Technology AR1010-I/ML Datasheet HTML 5Page - Microchip Technology AR1010-I/ML Datasheet HTML 6Page - Microchip Technology AR1010-I/ML Datasheet HTML 7Page - Microchip Technology AR1010-I/ML Datasheet HTML 8Page - Microchip Technology AR1010-I/ML Datasheet HTML 9Page - Microchip Technology AR1010-I/ML Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 70 page
background image
AR1000 SERIES RESISTIVE TOUCH SCREEN CONTROLLER
DS41393B-page 6
Preliminary
 2009-2012 Microchip Technology Inc.
TABLE 1-1:
PIN DESCRIPTIONS
Pin
Function
Description/Comments
SSOP, SOIC
QFN
118
VDD
Supply Voltage
2
19
M1
Communication Selection
3
20
SY-
Sense Y- (8-wire). Tie to VSS, if
not used.
4
1
M2
4/8-wire or 5-wire Sensor
Selection
5
2
WAKE
Touch Wake-up/Touch Detection
6
3
SIQ
LED Drive/SPI Interrupt. No
connect, if not used.
7
4
SY+
Sense Y+ (8-wire). Tie to VSS, if
not used.
8
5
SS
Slave Select (SPI). Tie to VSS, if
not used.
9
6
SDO
SPI Serial Data Output/I2C™
Interrupt. Tie to Vss, if UART.
10
7
NC
No connection. No connect or tie
to VSS or VDD.
11
8
SCK/SCL/TX
SPI/I2C™ Serial Clock/UART
Transmit
12
9
NC
No connection. No connect or tie
to VSS or VDD.
13
10
SDI/SDA/RX
I2C™ Serial Data/SPI Serial Data
Input/UART Receive
14
11
SX+
Sense X+ (8-wire). Tie to VSS, if
not used.
15
12
Y+
Y+ Drive
16
13
Y-
Y- Drive
17
14
5WSX-
5W Sense (5-wire)/Sense X-
(8-wire). Tie to VSS, if not used.
18
15
X+
X+ Drive
19
16
X-
X- Drive
20
17
VSS
Supply Voltage Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com