| Electronic Components Datasheet Search |
|
AR1010-I/ML Datasheet(PDF) 12 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AR1010-I/ML Datasheet(HTML) 12 Page - Microchip Technology |
|
12 / 70 page ![]() AR1000 SERIES RESISTIVE TOUCH SCREEN CONTROLLER DS41393B-page 12 Preliminary 2009-2012 Microchip Technology Inc. 3.2 4, 5, 8-Wire Sensor Selection The desired sensor type of 4/8-wire or 5-wire is hardware selectable using pin M2. If 4/8-wire has been hardware-selected, then the choice of 4-wire or 8-wire is software-selectable via the TouchOptions Configuration register. When 4/8-wire is hardware-selected, the controller defaults to 4-wire operation. If 8-wire operation is desired, then the TouchOptions Configuration register must be changed. 3.3 4-Wire Touch Sensor Interface Sensor tail pinouts can vary by manufacturer and part number. Ensure that both sensor tail pins for one sensor axis (layer) are connected to the controller’s X-/X+ pins and the tail pins for the other sensor axis (layer) are connected to the controller’s Y-/Y+ pins. The controller’s X-/X+ and Y-/Y+ pin pairs do not need to connect to a specific sensor axis. The orientation of controller pins X- and X+ to the two sides of a given sensor axis is not important. Likewise, the orientation of controller pins Y- and Y+ to the two sides of the other sensor axis is not important. Connections to a 4-wire touch sensor are as follows (See Figure 3-2). FIGURE 3-2: 4-WIRE TOUCH SENSOR INTERFACE Tie unused controller pins 5WSX-, SX+, SY-, and SY+ to VSS. See Section 3.8 “ESD Considerations” and Section 3.9 “Noise Considerations” for important information regarding the capacitance of the controller schematic hardware. TABLE 3-1: 4/8-WIRE vs. 5-WIRE SELECTION Type M2 pin 4/8-wire VSS 5-wire VDD |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |