Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1150-RTR1 Datasheet(PDF) 36 Page - Texas Instruments

Part # CC1150-RTR1
Description  Low Power Sub-1 GHz RF Transmitter
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1150-RTR1 Datasheet(HTML) 36 Page - Texas Instruments

Back Button CC1150-RTR1 Datasheet HTML 32Page - Texas Instruments CC1150-RTR1 Datasheet HTML 33Page - Texas Instruments CC1150-RTR1 Datasheet HTML 34Page - Texas Instruments CC1150-RTR1 Datasheet HTML 35Page - Texas Instruments CC1150-RTR1 Datasheet HTML 36Page - Texas Instruments CC1150-RTR1 Datasheet HTML 37Page - Texas Instruments CC1150-RTR1 Datasheet HTML 38Page - Texas Instruments CC1150-RTR1 Datasheet HTML 39Page - Texas Instruments CC1150-RTR1 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 67 page
background image
CC1150
SWRS037A
Page 36 of 60
315 MHz
433 MHz
868 MHz
915 MHz
Output
power
[dBm]
Setting
Current
consumption,
typ. [mA]
Setting
Current
consumption,
typ. [mA]
Setting
Current
consumption,
typ. [mA]
Setting
Current
consumption,
typ. [mA]
-30
0x12
9.9
0x03
10.8
0x03
11.2
0x03
11.1
-20
0x0E
10.4
0x0E
11.4
0x0C
11.7
0x0F
11.7
-10
0x26
12.5
0x26
13.3
0x26
13.7
0x34
13.6
-5
0x57
12.2
0x57
12.9
0x57
13.3
0x56
13.3
0
0x60
14.1
0x60
14.6
0x60
15.5
0x50
15.2
3
0x8B
15.8
0x8A
16.5
0x8A
17.4
0x89
17.4
7
0xCC
21.4
0xC8
23.0
0xCC
24.4
0xC8
24.6
10
0xC4
25.6
0xC2
26.1
0xC3
29.3
0xC0
29.3
Table 22: Optimum PATABLE Settings for Various Output Power Levels and Frequency Bands
315 MHz
433 MHz
868 MHz
915 MHz
Default
power
setting
Output
power
[dBm]
Current
consumption,
typ. [mA]
Output
power
[dBm]
Current
consumption,
typ. [mA]
Output
power
[dBm]
Current
consumption,
typ. [mA]
Output
power
[dBm]
Current
consumption,
typ. [mA]
0xC6
9.3
24.4
8.1
23.9
8.9
27.3
7.7
25.5
Table 23: Output Power and Current Consumption for Default PATABLE Setting
21.1
Shaping and PA Ramping
With ASK modulation, up to eight power
settings are used for shaping. The modulator
contains a counter that counts up when
transmitting a one and down when transmitting
a zero. The counter counts at a rate equal to 8
times the symbol rate. The counter saturates
at FREND0.PA_POWER and 0 respectively.
This counter value is used as an index for a
lookup in the power table. Thus, in order to
utilize the whole table, FREND0.PA_POWER
should be 7 when ASK is active. The shaping
of the ASK signal is dependent on the
configuration of the PATABLE. Figure 22
shows some examples of ASK shaping. Note
that the OOK/ASK pulse shaping feature on
the
CC1150 is only supported for output power
levels below -1 dBm.
1
1
0
00
10
Bit Sequence
1
FREND0.PA_POWER = 3
FREND0.PA_POWER = 7
Time
PATABLE[0]
PATABLE[1]
PATABLE[2]
PATABLE[3]
PATABLE[4]
PATABLE[5]
PATABLE[6]
PATABLE[7]
Output Power
Figure 22: Shaping of ASK Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com