Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1150-RTR1 Datasheet(PDF) 27 Page - Texas Instruments

Part # CC1150-RTR1
Description  Low Power Sub-1 GHz RF Transmitter
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1150-RTR1 Datasheet(HTML) 27 Page - Texas Instruments

Back Button CC1150-RTR1 Datasheet HTML 23Page - Texas Instruments CC1150-RTR1 Datasheet HTML 24Page - Texas Instruments CC1150-RTR1 Datasheet HTML 25Page - Texas Instruments CC1150-RTR1 Datasheet HTML 26Page - Texas Instruments CC1150-RTR1 Datasheet HTML 27Page - Texas Instruments CC1150-RTR1 Datasheet HTML 28Page - Texas Instruments CC1150-RTR1 Datasheet HTML 29Page - Texas Instruments CC1150-RTR1 Datasheet HTML 30Page - Texas Instruments CC1150-RTR1 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 67 page
background image
CC1150
SWRS037A
Page 27 of 60
IOCFGx.GDOx_CFG=0x03
configurations are
associated with the TX FIFO. See Table 24 for
more information.
b) SPI Polling
The PKTSTATUS register can be polled at a
given rate to get information about the current
GDO2 and GDO0 values respectively. The
TXBYTES
register can be polled at a given rate
to get information about the number of bytes in
the TX FIFO. Alternatively, the number of
bytes in the TX FIFO can be read from the
chip status byte returned on the MISO line
each time a header byte, data byte, or
command strobe is sent on the SPI bus.
It is recommended to employ an interrupt
driven solution due to that when using SPI
polling, there is a small, but finite, probability
that a single read from registers PKTSTATUS
and TXBYTES is being corrupt. The same is
the case when reading the chip status byte.
This is explained in the
CC1150 Errata Notes [8]
Refer to the TI website for SW examples [12]
14 Modulation Formats
CC1150 supports amplitude, frequency and
phase shift modulation formats. The desired
modulation
format
is
set
in
the
MDMCFG2.MOD_FORMAT
register.
Optionally, the data stream can be Manchester
coded by the modulator. This option is enabled
by
setting
MDMCFG2.MANCHESTER_EN=1.
Manchester encoding cuts the effective data
rate in half, and thus Manchester is not
supported for 500 kBaud. Further note that
Manchester encoding is not supported at the
same time as using the FEC/Interleaver option
or when using MSK modulation.
14.1
Frequency Shift Keying
CC1150 has the possibility to use Gaussian
shaped 2_FSK (GFSK). The 2-FSK signal is
then shaped by a Gaussian filter with BT=1,
producing a GFSK modulated signal. This
spectrum-shaping feature improves adjacent
channel
power
(ACP)
and
occupied
bandwidth.
In “true” 2-FSK systems with abrupt frequency
shifting, the spectrum is inherently broad. By
making the frequency shift “softer”, the
spectrum can be made significantly narrower.
Thus, higher data rates can be transmitted in
the same bandwidth using GFSK.
The frequency deviation is programmed with
the DEVIATION_M and DEVIATION_E values
in the DEVIATN register. The value has an
exponent/mantissa form, and the resultant
deviation is given by:
E
DEVIATION
xosc
dev
M
DEVIATION
f
f
_
17
2
)
_
8
(
2
⋅
+
⋅
=
The symbol encoding is shown in Table 19.
Format
Symbol
Coding
2-FSK/GFSK
‘0’
– Deviation
‘1’
+ Deviation
Table 19: Symbol Encoding for 2-FSK/GFSK
Modulation
14.2
Minimum Shift Keying
When using MSK
1, the complete transmission
(preamble, sync word and payload) will be
MSK modulated.
Phase shifts are performed with a constant
transition time. The fraction of a symbol period
1
Identical to offset QPSK with half-sine
shaping (data coding may differ)
used to change the phase can be modified
with the DEVIATN.DEVIATION_M setting.
This is equivalent to changing the shaping of
the symbol.
Note that when using MSK, Manchester
encoding
must
be
disabled
by
setting
MDMCFG2.MANCHESTER_EN=0
. Further note
that the MSK modulation format implemented
in
CC1150 inverts the data compared to e.g.
signal generators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com