Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1150-RTR1 Datasheet(PDF) 24 Page - Texas Instruments

Part # CC1150-RTR1
Description  Low Power Sub-1 GHz RF Transmitter
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1150-RTR1 Datasheet(HTML) 24 Page - Texas Instruments

Back Button CC1150-RTR1 Datasheet HTML 20Page - Texas Instruments CC1150-RTR1 Datasheet HTML 21Page - Texas Instruments CC1150-RTR1 Datasheet HTML 22Page - Texas Instruments CC1150-RTR1 Datasheet HTML 23Page - Texas Instruments CC1150-RTR1 Datasheet HTML 24Page - Texas Instruments CC1150-RTR1 Datasheet HTML 25Page - Texas Instruments CC1150-RTR1 Datasheet HTML 26Page - Texas Instruments CC1150-RTR1 Datasheet HTML 27Page - Texas Instruments CC1150-RTR1 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 67 page
background image
CC1150
SWRS037A
Page 24 of 60
13 Packet Handling Hardware Support
The
CC1150 has built-in hardware support for
packet oriented radio protocols.
In transmit mode, the packet handler can be
configured to add the following elements to the
packet stored in the TX FIFO:
•
A programmable number of preamble
bytes.
•
A two byte Synchronization Word. Can be
duplicated to give a 4-byte sync word
(recommended). It is not possible to only
insert preamble or only insert a sync word.
•
Optionally whitening the data with a PN9
sequence.
•
Optionally Interleave and Forward Error
Code the data.
•
Optionally compute and add a 2 byte CRC
checksum over the data field.
In a system where
CC1150 is used as the
transmitter and
CC1101 as the receiver the
recommended setting is 4-byte preamble and
4-byte sync word except for 500 kBaud data
rate where the recommended preamble length
is 8 bytes.
Note that register fields that control the packet
handling features should only be altered when
CC1150 is in the IDLE state.
13.1
Data whitening
From a radio perspective, the ideal over the air
data are random and DC free. This results in
the smoothest power distribution over the
occupied bandwidth. This also gives the
regulation loops in the receiver uniform
operation conditions (no data dependencies).
Real world data often contain long sequences
of zeros and ones. Performance can then be
improved by whitening the data before
transmitting, and de-whitening in the receiver.
With
CC1150, in combination with a CC1101 at
the
receiver
end,
this
can
be
done
automatically
by
setting
PKTCTRL0
.WHITE_DATA=1.
All
data,
except
the
preamble and the sync word, are then XOR-ed
with a 9-bit pseudo-random (PN9) sequence
before being transmitted as shown in Figure
12. The PN9 sequence is initialized to all 1’s.
At the receiver end, the data are XOR-ed with
the same pseudo-random sequence. This way,
the whitening is reversed, and the original data
appear in the receiver.
Setting
PKTCTRL0
.WHITE_DATA=1
is
recommended for all uses, except when over-
the-air compatibility with other systems is
needed.
Figure 12: Data Whitening in TX Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com