Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1150-RTR1 Datasheet(PDF) 43 Page - Texas Instruments

Part # CC1150-RTR1
Description  Low Power Sub-1 GHz RF Transmitter
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1150-RTR1 Datasheet(HTML) 43 Page - Texas Instruments

Back Button CC1150-RTR1 Datasheet HTML 39Page - Texas Instruments CC1150-RTR1 Datasheet HTML 40Page - Texas Instruments CC1150-RTR1 Datasheet HTML 41Page - Texas Instruments CC1150-RTR1 Datasheet HTML 42Page - Texas Instruments CC1150-RTR1 Datasheet HTML 43Page - Texas Instruments CC1150-RTR1 Datasheet HTML 44Page - Texas Instruments CC1150-RTR1 Datasheet HTML 45Page - Texas Instruments CC1150-RTR1 Datasheet HTML 46Page - Texas Instruments CC1150-RTR1 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 67 page
background image
CC1150
SWRS037A
Page 43 of 60
Address
Register
Description
Details on page number
0x01
IOCFG1
GDO1
output pin configuration
45
0x02
IOCFG0
GDO0
output pin configuration
45
0x03
FIFOTHR
FIFO threshold
45
0x04
SYNC1
Sync word, high byte
46
0x05
SYNC0
Sync word, low byte
46
0x06
PKTLEN
Packet length
46
0x08
PKTCTRL0
Packet automation control
46
0x09
ADDR
Device address
47
0x0A
CHANNR
Channel number
47
0x0D
FREQ2
Frequency control word, high byte
47
0x0E
FREQ1
Frequency control word, middle byte
47
0x0F
FREQ0
Frequency control word, low byte
47
0x10
MDMCFG4
Modulator configuration
47
0x11
MDMCFG3
Modulator configuration
48
0x12
MDMCFG2
Modulator configuration
49
0x13
MDMCFG1
Modulator configuration
50
0x14
MDMCFG0
Modulator configuration
50
0x15
DEVIATN
Modulator deviation setting
51
0x17
MCSM1
Main Radio Control State Machine configuration
51
0x18
MCSM0
Main Radio Control State Machine configuration
52
0x22
FREND0
Front end TX configuration
52
0x23
FSCAL3
Frequency synthesizer calibration
53
0x24
FSCAL2
Frequency synthesizer calibration
53
0x25
FSCAL1
Frequency synthesizer calibration
53
0x26
FSCAL0
Frequency synthesizer calibration
53
0x29
FSTEST
Frequency synthesizer calibration control
54
0x2A
PTEST
Production test
54
0x2C
TEST2
Various test settings
54
0x2D
TEST1
Various test settings
54
0x2E
TEST0
Various test settings
54
Table 26: Configuration Registers Overview
Address
Register
Description
Details on page number
0x30 (0xF0)
PARTNUM
Part number for
CC1150
55
0x31 (0xF1)
VERSION
Current version number
55
0x35 (0xF5)
MARCSTATE
Control state machine state
55
0x38 (0xF8)
PKTSTATUS
Current GDOx status and packet status
56
0x39 (0xF9)
VCO_VC_DAC
Current setting from PLL calibration module
56
0x3A (0xFA)
TXBYTES
Underflow and number of bytes in the TX FIFO
56
Table 27: Status Registers Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com