Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1150-RTR1 Datasheet(PDF) 53 Page - Texas Instruments

Part # CC1150-RTR1
Description  Low Power Sub-1 GHz RF Transmitter
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1150-RTR1 Datasheet(HTML) 53 Page - Texas Instruments

Back Button CC1150-RTR1 Datasheet HTML 49Page - Texas Instruments CC1150-RTR1 Datasheet HTML 50Page - Texas Instruments CC1150-RTR1 Datasheet HTML 51Page - Texas Instruments CC1150-RTR1 Datasheet HTML 52Page - Texas Instruments CC1150-RTR1 Datasheet HTML 53Page - Texas Instruments CC1150-RTR1 Datasheet HTML 54Page - Texas Instruments CC1150-RTR1 Datasheet HTML 55Page - Texas Instruments CC1150-RTR1 Datasheet HTML 56Page - Texas Instruments CC1150-RTR1 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 67 page
background image
CC1150
SWRS037A
Page 53 of 60
0x23: FSCAL3 – Frequency synthesizer calibration
Bit
Field Name
Reset
R/W
Description
7:6
FSCAL3[7:6]
2 (0x02)
R/W
Frequency synthesizer calibration configuration. The value
to write in this field before calibration is given by the
SmartRF
® Studio software.
5:4
CHP_CURR_CAL_EN[1:0]
2 (0x02)
R/W
Disable charge pump calibration stage when 0.
3:0
FSCAL3[3:0]
9 (0x09)
R/W
Frequency synthesizer calibration result register. Digital bit
vector defining the charge pump output current, on an
exponential scale: I_OUT = I0·2FSCAL3[3:0]/4
Fast frequency hopping without calibration for each hop can
be done by calibrating upfront for each frequency and
saving the resulting FSCAL3, FSCAL2 and FSCAL1 register
values. Between each frequency hop, calibration can be
replaced by writing the FSCAL3, FSCAL2 and FSCAL1
register values corresponding to the next RF frequency.
0x24: FSCAL2 – Frequency synthesizer calibration
Bit
Field Name
Reset
R/W
Description
7:6
R0
Not Used.
5
VCO_CORE_H_EN
0
R/W
Choose high (1)/ low (0) VCO.
5:0
FSCAL2[5:0]
10 (0x0A)
R/W
Frequency synthesizer calibration result register. VCO
current calibration result and override value.
Fast frequency hopping without calibration for each hop can
be done by calibrating upfront for each frequency and saving
the resulting FSCAL3, FSCAL2 and FSCAL1 register values.
Between each frequency hop, calibration can be replaced by
writing the FSCAL3, FSCAL2 and FSCAL1 register values
corresponding to the next RF frequency.
0x25: FSCAL1 – Frequency synthesizer calibration
Bit
Field Name
Reset
R/W
Description
7:6
R0
Not Used.
5:0
FSCAL1[5:0]
32 (0x20)
R/W
Frequency synthesizer calibration result register. Capacitor
array setting for VCO coarse tuning.
Fast frequency hopping without calibration for each hop can
be done by calibrating upfront for each frequency and saving
the resulting FSCAL3, FSCAL2 and FSCAL1 register values.
Between each frequency hop, calibration can be replaced by
writing the FSCAL3, FSCAL2 and FSCAL1 register values
corresponding to the next RF frequency.
0x26: FSCAL0 – Frequency synthesizer calibration
Bit
Field Name
Reset
R/W
Description
7
Reserved
R0
Not Used.
6:0
FSCAL0[6:0]
13 (0x0D)
R/W
Frequency synthesizer calibration control. The value to use in
register field is given by the SmartRF Studio [11] software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com