Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1150-RTR1 Datasheet(PDF) 10 Page - Texas Instruments

Part # CC1150-RTR1
Description  Low Power Sub-1 GHz RF Transmitter
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1150-RTR1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CC1150-RTR1 Datasheet HTML 6Page - Texas Instruments CC1150-RTR1 Datasheet HTML 7Page - Texas Instruments CC1150-RTR1 Datasheet HTML 8Page - Texas Instruments CC1150-RTR1 Datasheet HTML 9Page - Texas Instruments CC1150-RTR1 Datasheet HTML 10Page - Texas Instruments CC1150-RTR1 Datasheet HTML 11Page - Texas Instruments CC1150-RTR1 Datasheet HTML 12Page - Texas Instruments CC1150-RTR1 Datasheet HTML 13Page - Texas Instruments CC1150-RTR1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 67 page
background image
CC1150
SWRS037A
Page 10 of 60
5
Pin Configuration
The
CC1150 pin-out is shown in Figure 1 and Table 11.
GND
Exposed die
attach pad
5
6
7
8
9CSn
10 RF_P
11 RF_N
12 AVDD
13
14
15
16
1
SCLK
2
SO (GDO1)
3
DVDD
4
DCOUPL
Figure 1: Pinout Top View
Note: The exposed die attach pad must be connected to a solid ground plane as this is the main
ground connection for the chip.
Pin #
Pin name
Pin type
Description
1
SCLK
Digital Input
Serial configuration interface, clock input.
2
SO (GDO1)
Digital Output
Serial configuration interface, data output.
Optional general output pin when CSn is high.
3
DVDD
Power (Digital)
1.8 V - 3.6 V digital power supply for digital I/O’s and for the digital core
voltage regulator.
4
DCOUPL
Power (Digital)
1.6 V - 2.0 V digital power supply output for decoupling.
NOTE: This pin is intended for use with the
CC1150 only. It can not be used
to provide supply voltage to other devices.
5
XOSC_Q1
Analog I/O
Crystal oscillator pin 1, or external clock input.
6
AVDD
Power (Analog)
1.8 V - 3.6 V analog power supply connection.
7
XOSC_Q2
Analog I/O
Crystal oscillator pin 2.
8
GDO0
(ATEST)
Digital I/O
Digital output pin for general use:
• Test signals
• FIFO status signals
• Clock output, down-divided from XOSC
• Serial input TX data
Also used as analog test I/O for prototype/production testing.
9
CSn
Digital Input
Serial configuration interface, chip select.
10
RF_P
RF I/O
Positive RF output signal from PA.
11
RF_N
RF I/O
Negative RF output signal from PA.
12
AVDD
Power (Analog)
1.8 V - 3.6 V analog power supply connection.
13
AVDD
Power (Analog)
1.8 V - 3.6 V analog power supply connection.
14
RBIAS
Analog I/O
External bias resistor for reference current .
15
DGUARD
Power (Digital)
Power supply connection for digital noise isolation.
16
SI
Digital Input
Serial configuration interface, data input.
Table 11: Pinout Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com