Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1150-RTR1 Datasheet(PDF) 6 Page - Texas Instruments

Part # CC1150-RTR1
Description  Low Power Sub-1 GHz RF Transmitter
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1150-RTR1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CC1150-RTR1 Datasheet HTML 2Page - Texas Instruments CC1150-RTR1 Datasheet HTML 3Page - Texas Instruments CC1150-RTR1 Datasheet HTML 4Page - Texas Instruments CC1150-RTR1 Datasheet HTML 5Page - Texas Instruments CC1150-RTR1 Datasheet HTML 6Page - Texas Instruments CC1150-RTR1 Datasheet HTML 7Page - Texas Instruments CC1150-RTR1 Datasheet HTML 8Page - Texas Instruments CC1150-RTR1 Datasheet HTML 9Page - Texas Instruments CC1150-RTR1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 67 page
background image
CC1150
SWRS037A
Page 6 of 60
4
Electrical Specifications
4.1
Current Consumption
Tc = 25
°C, VDD = 3.0 V if nothing else stated. All measurement results are obtained using the CC1150EM reference
design ([1] and [2]).
Parameter
Min
Typ
Max
Unit
Condition
200
nA
Voltage regulator to digital part off, register values lost (SLEEP
state)
222
µA
Voltage regulator to digital part on, all other modules in power
down (XOFF state)
1.1
mA
Only voltage regulator to digital part and crystal oscillator running
(IDLE state)
Current consumption
7.7
mA
Only the frequency synthesizer running (FSTXON state). This
current consumptions also representative for the other
intermediate states when going from IDLE until reaching TX, and
frequency calibration states
Current consumption,
315 MHz
25.6
14.1
mA
Transmit mode, +10 dBm output power (0xC4)
Transmit mode, 0 dBm output power (0x60)
See more in section 21 and DN012 [3]
Current consumption,
433 MHz
26.1
14.6
mA
Transmit mode, +10 dBm output power (0xC2)
Transmit mode, 0 dBm output power (0x60)
See more in section 21 and DN012 [3]
Current consumption,
868 MHz
29.3
15.5
mA
Transmit mode, +10 dBm output power (0xC3)
Transmit mode, 0 dBm output power (0x60)
See more in section 21 and DN012 [3]
Current consumption,
915 MHz
29.3
15.2
mA
Transmit mode, +10 dBm output power (0xC0)
Transmit mode, 0 dBm output power (0x50)
See more in section 21 and DN012 [3]
Table 4: Electrical Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com