Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PV37W503C01 Datasheet(PDF) 48 Page - Murata Manufacturing Co., Ltd.

Part # PV37W503C01
Description  Trimmer Potentiometers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PV37W503C01 Datasheet(HTML) 48 Page - Murata Manufacturing Co., Ltd.

Back Button PV37W503C01 Datasheet HTML 44Page - Murata Manufacturing Co., Ltd. PV37W503C01 Datasheet HTML 45Page - Murata Manufacturing Co., Ltd. PV37W503C01 Datasheet HTML 46Page - Murata Manufacturing Co., Ltd. PV37W503C01 Datasheet HTML 47Page - Murata Manufacturing Co., Ltd. PV37W503C01 Datasheet HTML 48Page - Murata Manufacturing Co., Ltd. PV37W503C01 Datasheet HTML 49Page - Murata Manufacturing Co., Ltd. PV37W503C01 Datasheet HTML 50Page - Murata Manufacturing Co., Ltd. PV37W503C01 Datasheet HTML 51Page - Murata Manufacturing Co., Ltd. PV37W503C01 Datasheet HTML 52Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 55 page
background image
SMD Sealed Type (PVG3/M4A_D01/G5)/Lead Sealed Type (PV32/12/37/36) Specifications and Test Methods
Continued on the following page.
5
Voltage Setting
Stability
The wiper should be set at approximately 40% of the actual effective-electrical rotational angle (number of turns). An
adequate DC test potential should be applied between terminal #1 and terminal #3. The voltage between terminal #1
and terminal #3, and the voltage between terminal #1 and terminal #2, should be measured and applied to the
following formula.
Voltage setting stability=
( —
E
e'
–—
E
e ) Z100 (%)
e : Before test
(The voltage between terminal #1 and terminal #2)
e' : After test
(The voltage between terminal #1 and terminal #2)
Figure 2
4
Temperature Coefficient of
Resistance
The trimmer potentiometer should be subjected to each of the following temperatures (see Table 3) for 30-45
minutes. Temperature coefficient of resistance should be applied to the following formula.
T1 : Reference temperature in degrees celsius
T2 : Test temperature in degrees celsius
R1 : Resistance at reference temperature in ohm
R2 : Resistance at test temperature in ohm
Note*: Reference temperature
Table 3: Test temperatures
3
Contact Resistance
Variation
Contact resistance variation should be measured with the measuring circuit shown in Figure 1, or its equivalent. The
adjustment rotor (screw) should be rotated in both directions through 90% of the actual effective-electrical rotational
angle (number of turns) for a total of 6 cycles. Only the last 3 cycles should count in determining whether or not a
contact resistance variation is observed at least twice in the same location, exclusive of the roll-on or roll-off points
where the contact arm moves from the termination, on or off, the resistance element. The rate of rotation of the
adjustment rotor (screw) should be such that the adjustment rotor (screw) completes 1 cycle for 5 seconds minimum
to 2 minutes maximum. The test current used should follow the value given in Table 2 unless otherwise limited by
power rating.
Table 2: Test current for CRV
Figure 1: CRV measuring circuit
2
Residual Resistance
Position the contact arm at the extreme counterclockwise limit of mechanical travel and measure the resistance
between the contact arm and the corresponding end terminal. Then, position the contact arm at the extreme
clockwise limit of mechanical travel and measure the resistance between the contact arm and the corresponding end
terminal. During this test, take suitable precautions to ensure that the rated current of the resistance element is not
exceeded.
1
Total Resistance
Measure total resistance between the resistance element and terminals (#1 and #3) with the contact arm positioned
against a stop. The positioning of the contact arm and terminal should be the same for subsequent total resistance
measurements on the same device. Use the test voltage specified in Table 1 for total resistance measurements.
This voltage should be used for all subsequent total resistance measurements.
Table 1: Total resistance test voltage
Total Resistance,
Nominal (ohm)
Maximum Test
Voltage (V)
1.0
3.0
10.0
30.0
100.0
V100
V1k
V10k
V100k
10
VR
100
FR
1k
FR
10k
FR
100k
FR
Standard Total Resistance
R (ohm)
Test Current
20mA
10mA
4mA
2mA
1mA
200μA
100μA
50μA
30μA
R
100
FR
500
VR
1k
VR
2k
VR
50k
VR
200k
VR
1M
VR
2M
VR
V100
F500
F1k
F2k
F50k
F200k
F1M
F2M
Sequence
1*
+25
2
-15
3
Min. operating
Temperature
4*
+25
5
+65
6
Max. operating
Temperature
Temperature (°C)
The following describes trimmer potentiometer testing conducted by Murata Manufacturing Co., Ltd. in accordance with MIL-R-22097 (military specification
for variable resistors, non-wirewound) and MIL-STD-202 (test methods for electronic and electrical component parts).
No.
Test Methods
Item
Rx
#1
#2
#3
Constant Current Source
(Test current shown in Table 2)
Calibration
resistance
AC
Amplifier
Oscilloscope
Oscilloscope bandwidth :100Hz to 50kHz
Rx : Trimmer Potentiometer
e
#2
#1
#3
E
TCR=
Z 106 (ppm/°C)
R2 – R1
R1 (T2 – T1)
vertical
entry
R50E.pdf
Jul.23,2012
46
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com