Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PV37W503C01 Datasheet(PDF) 24 Page - Murata Manufacturing Co., Ltd.

Part # PV37W503C01
Description  Trimmer Potentiometers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PV37W503C01 Datasheet(HTML) 24 Page - Murata Manufacturing Co., Ltd.

Back Button PV37W503C01 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. PV37W503C01 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. PV37W503C01 Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. PV37W503C01 Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. PV37W503C01 Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. PV37W503C01 Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. PV37W503C01 Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. PV37W503C01 Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. PV37W503C01 Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 55 page
background image
Part Number
Power Rating
(W)
Number of Turns
(Effective Rotation Angle)
Mechanical Rotation Angle
Total Resistance Value
TCR
(ppm/°C)
PVM4A101D01
0.25(70°C)
1(240°±10°)
Endless
100ohm±20%
±100
PVM4A201D01
0.25(70°C)
1(240°±10°)
Endless
200ohm±20%
±100
PVM4A501D01
0.25(70°C)
1(240°±10°)
Endless
500ohm±20%
±100
PVM4A102D01
0.25(70°C)
1(240°±10°)
Endless
1k ohm±20%
±200
PVM4A202D01
0.25(70°C)
1(240°±10°)
Endless
2k ohm±20%
±200
PVM4A502D01
0.25(70°C)
1(240°±10°)
Endless
5k ohm±20%
±200
PVM4A103D01
0.25(70°C)
1(240°±10°)
Endless
10k ohm±20%
±150
PVM4A203D01
0.25(70°C)
1(240°±10°)
Endless
20k ohm±20%
±150
PVM4A503D01
0.25(70°C)
1(240°±10°)
Endless
50k ohm±20%
±150
PVM4A104D01
0.25(70°C)
1(240°±10°)
Endless
100k ohm±20%
±150
PVM4A204D01
0.25(70°C)
1(240°±10°)
Endless
200k ohm±20%
±150
PVM4A504D01
0.25(70°C)
1(240°±10°)
Endless
500k ohm±20%
±150
PVM4A105D01
0.25(70°C)
1(240°±10°)
Endless
1M ohm±20%
±150
PVM4A205D01
0.25(70°C)
1(240°±10°)
Endless
2M ohm±20%
±150
Operating Temperature Range: -55 to 125 °C
Soldering Method: Flow/Reflow/Soldering Iron
Rotor
#1 Terminal
#3 Terminal
#2 Terminal
Wiper
Resistive
Element
Ceramic
Substrate
Rubber
c Construction
1.7
1.1
1.6
1.1
Tolerance : ±0.1
(
in mm)
c Standard Land Pattern
Item
PVM4A
pppC01
PVM4A
pppD01
Humidity Exposure
High Temperature Exposure
Humidity Load Life
Temperature Load Life
Temperature Cycle
Res. Change: ±3%
Res. Change: ±3%
Res. Change: ±3%
Res. Change: ±3%
Res. Change: ±3%
Res. Change: ±10% (20 cycles)
Rotational Life
Res. Change: ±2%
Res. Change: ±2%
Res. Change: ±3%
Res. Change: ±3%
Res. Change: ±2%
Res. Change: ±5% (100 cycles)
c Characteristics
R50E.pdf
Jul.23,2012
22
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
4
Top Adjustment (High-Liability Type)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com