Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PV37W503C01 Datasheet(PDF) 17 Page - Murata Manufacturing Co., Ltd.

Part # PV37W503C01
Description  Trimmer Potentiometers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PV37W503C01 Datasheet(HTML) 17 Page - Murata Manufacturing Co., Ltd.

Back Button PV37W503C01 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. PV37W503C01 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. PV37W503C01 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. PV37W503C01 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. PV37W503C01 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. PV37W503C01 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. PV37W503C01 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. PV37W503C01 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. PV37W503C01 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 55 page
background image
PVZ3 Series Notice
Continued from the preceding page.
t3
t2
T3
T2
T5
T4
T1
Time (s)
t1
1. Soldering profile for lead free solder (96.5Sn/3.0Ag/0.5Cu)
Standard Profile
Pre-heating
Heating
Cycle of
Reflow
Cycle of
Reflow
Time
°C
Series
PVZ3
Temp. (T1)
°C
Time (t1)
sec.
Temp. (T2)
°C
Time (t2)
sec.
Pre-heating
Heating
Time
°C
Temp. (T1)
°C
Time (t1)
sec.
Temp. (T4)
°C
Time (t3)
sec.
Limit Profile
2
245±3
150 to 180 60 to 120
220
30 to 60
2
260
150 to 180 60 to 120
220
30 to 60
Limit Profile
Standard Profile
Standard Profile
Pre-heating
Heating
Series
PVZ3
Temp. (T1)
°C
Time (t1)
sec.
Temp. (T2)
°C
Time (t2)
sec.
Time (s)
Standard Profile
t1
T1
t2
T3
T2
2. Soldering profile for Eutectic solder (63Sn/37Pb)
(Limit profile: refer to 1)
Standard Condition
Series
PVZ3
Temperature of Soldering Iron Tip
Soldering Time
Soldering Iron Power Output
350±10
3 max.
30 max.
1
Cycle of Soldering Iron
°C
sec.
W
Time
Reflow Soldering Profile
Peak
Temperature
(T3)
Peak
Temperature
(T5)
Cycle of
Reflow
Time
°C
1
230 max.
150
60 to 120
183
30
Peak
Temperature
(T3)
Soldering Iron
c Soldering Profile
c Notice (Handling)
c Notice (Other)
1. Please make sure that your product has been
evaluated and confirmed against your
specifications when our product is mounted to your
product.
2. Murata cannot guarantee trimmer potentiometer
integrity when used under conditions other than
those specified in this document.
R50E.pdf
Jul.23,2012
15
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
2
1. Use suitable screwdrivers that fit comfortably in the
driver slot. We recommend the screwdrivers below.
* Recommended screwdriver for manual adjustment
>VESSEL MFG.: NO.9000+1.7x30
(Murata P/N: KMDR080)
* Recommended screwdriver for automatic adjustment
>TORAY MFG.: JB-2225 (Murata P/N: KMBT070)
2. Don't apply more than 4.9N (Ref.; 500gf) of twist
and stress after mounting onto PCB to prevent
contact intermittence. If excessive force is
applied, the trimmer potentiometer may not
function.
3. Please use within the effective rotational angle.
Do not have a mechanical stop for over rotation.
In cases out of effective rotational angle,
the trimmer potentiometer may not function.
4. When using a lock paint to fix the slot position or
cover the rotor, please evaluate performance with
your product. Lock paint may cause corrosion or
electrical contact problems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com