Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PV37W503C01 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # PV37W503C01
Description  Trimmer Potentiometers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PV37W503C01 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  PV37W503C01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PV37W503C01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PV37W503C01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. PV37W503C01 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PV37W503C01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PV37W503C01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PV37W503C01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PV37W503C01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PV37W503C01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
R50E.pdf
Jul.23,2012
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
3
Selection Guide of Trimmer Potentiometers
Mounting Method
Surface Mount
PCB Insertion Sealed Construction
2mm size Single Turn
2mm size Single Turn
3mm size Single Turn
6mm size Single Turn
6mm size Single Turn
PVG3G
with Rotational Stop
PVG5
PVM4
PV32H
with Rotational Stop
PV12P
PV37W
PV36W
PV32N
with Rotational Stop
PV12T
PV37X
PV36X
PVZ2A_C04
Low Profile (0.85mm max.)
PVA2
for Automatic Adjustment
(0.9mm max.)
PVZ2R
Rear Adjustment Low Profile with
Smaller Foot print (0.9mm max.)
PVZ3A
for Automatic Adjustment
PVZ3G
Top Adjustment Low Profile
(1.25mm max.)
PVZ3K
Rear Adjustment
PVZ3H
Top Adjustment
3mm size Single Turn
4mm size Single Turn
5mm size 11 Turns
7mm size 4 Turns
6mm size 12 Turns
7mm size 4 Turns
6mm size 12 Turns
10mm size 25 Turns
10mm size 25 Turns
Cermet Resistive Element
Cermet Resistive Element
PVG3A
for Automatic Adjustment
with Rotational Stop
Construction?
Adjustment?
Top
Side
Sealed
Open
Carbon Resistive Element
Cermet Resistive Element
Cermet Resistive Element



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com