Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PV37W503C01 Datasheet(PDF) 42 Page - Murata Manufacturing Co., Ltd.

Part # PV37W503C01
Description  Trimmer Potentiometers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PV37W503C01 Datasheet(HTML) 42 Page - Murata Manufacturing Co., Ltd.

Back Button PV37W503C01 Datasheet HTML 38Page - Murata Manufacturing Co., Ltd. PV37W503C01 Datasheet HTML 39Page - Murata Manufacturing Co., Ltd. PV37W503C01 Datasheet HTML 40Page - Murata Manufacturing Co., Ltd. PV37W503C01 Datasheet HTML 41Page - Murata Manufacturing Co., Ltd. PV37W503C01 Datasheet HTML 42Page - Murata Manufacturing Co., Ltd. PV37W503C01 Datasheet HTML 43Page - Murata Manufacturing Co., Ltd. PV37W503C01 Datasheet HTML 44Page - Murata Manufacturing Co., Ltd. PV37W503C01 Datasheet HTML 45Page - Murata Manufacturing Co., Ltd. PV37W503C01 Datasheet HTML 46Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 55 page
background image
Part Number
Power Rating
(W)
Number of Turns
(Effective Rotation Angle)
Total Resistance Value
TCR
(ppm/°C)
PV37X100C01
0.25(85°C)
12
10ohm±10%
±150
PV37X200C01
0.25(85°C)
12
20ohm±10%
±150
PV37X500C01
0.25(85°C)
12
50ohm±10%
±150
PV37X101C01
0.25(85°C)
12
100ohm±10%
±150
PV37X201C01
0.25(85°C)
12
200ohm±10%
±150
PV37X501C01
0.25(85°C)
12
500ohm±10%
±150
PV37X102C01
0.25(85°C)
12
1k ohm±10%
±150
PV37X202C01
0.25(85°C)
12
2k ohm±10%
±150
PV37X502C01
0.25(85°C)
12
5k ohm±10%
±150
PV37X103C01
0.25(85°C)
12
10k ohm±10%
±150
PV37X203C01
0.25(85°C)
12
20k ohm±10%
±150
PV37X503C01
0.25(85°C)
12
50k ohm±10%
±150
PV37X104C01
0.25(85°C)
12
100k ohm±10%
±150
PV37X204C01
0.25(85°C)
12
200k ohm±10%
±150
PV37X504C01
0.25(85°C)
12
500k ohm±10%
±150
PV37X105C01
0.25(85°C)
12
1M ohm±10%
±150
PV37X205C01
0.25(85°C)
12
2M ohm±10%
±150
Operating Temperature Range: -55 to 125 °C
Soldering Method: Flow/Soldering Iron
Gear
Case
Terminal
Alumina Substrate
Wiper
Cermet Resistive
Element
Adjustment Screw
c Construction
(3)
(1)
(2)
2.5
3-0.9
2.5
Tolerance: ±0.1
in mm
c Standard Mounting Holes
PV37W/PV37X
R50E.pdf
Jul.23,2012
40
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
7
Side Adjustment
ΔTR
: ±1%
ΔV.S.S.: ±1%
ΔTR
: ±2%
IR
: 100M ohm min.
ΔTR
: ±1%
ΔV.S.S.: ±1%
ΔTR
: ±1%
ΔV.S.S.: ±1%
ΔTR
: ±2%
ΔV.S.S.: ±1%
ΔTR
: ±1%
ΔV.S.S.: ±1%
ΔTR
: ±2%
ΔV.S.S.: ±1%
ΔTR
: R
V100 ohm ... ±3%
R
G100 ohm ... ±2% (200 cycles)
Temperature Cycle
Humidity
Vibration (20G)
Shock (100G)
Temperature Load Life
Low Temperature Exposure
High Temperature Exposure
Rotational Life
ΔTR
: Total Resistance Change
ΔV.S.S.: Voltage Setting Stability
IR
: Insulation Resistance
R
: Standard Total Resistance
c Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com