Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PV37W503C01 Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd.

Part # PV37W503C01
Description  Trimmer Potentiometers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PV37W503C01 Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd.

Back Button PV37W503C01 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PV37W503C01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PV37W503C01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PV37W503C01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PV37W503C01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PV37W503C01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. PV37W503C01 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. PV37W503C01 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. PV37W503C01 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
PVA2 Series
2.2
0.8
0.8±0.1
0.4
0.5
0.6
0.9
0.6
#1
#2
#3
Resin
2.4 Dia
#2 (Wiper Contact)
#1
#3
CIRCUIT
CLOCKWISE
(
Tolerance: ±0.2)
in mm
Part Number
Power Rating
(W)
Number of Turns
(Effective Rotation Angle)
Mechanical Rotation Angle
Total Resistance Value
TCR
(ppm/°C)
PVA2A101A01
0.1(70°C)
1(260°±10°)
Endless
100ohm±25%
±250
PVA2A221A01
0.1(70°C)
1(260°±10°)
Endless
220ohm±25%
±250
PVA2A471A01
0.1(70°C)
1(260°±10°)
Endless
470ohm±25%
±250
PVA2A102A01
0.1(70°C)
1(260°±10°)
Endless
1k ohm±25%
±250
PVA2A222A01
0.1(70°C)
1(260°±10°)
Endless
2.2k ohm±25%
±250
PVA2A472A01
0.1(70°C)
1(260°±10°)
Endless
4.7k ohm±25%
±250
PVA2A103A01
0.1(70°C)
1(260°±10°)
Endless
10k ohm±25%
±250
PVA2A223A01
0.1(70°C)
1(260°±10°)
Endless
22k ohm±25%
±250
PVA2A473A01
0.1(70°C)
1(260°±10°)
Endless
47k ohm±25%
±250
PVA2A104A01
0.1(70°C)
1(260°±10°)
Endless
100k ohm±25%
±250
PVA2A224A01
0.1(70°C)
1(260°±10°)
Endless
220k ohm±25%
±250
PVA2A474A01
0.1(70°C)
1(260°±10°)
Endless
470k ohm±25%
±250
PVA2A105A01
0.1(70°C)
1(260°±10°)
Endless
1M ohm±25%
±250
PVA2A225A01
0.1(70°C)
1(260°±10°)
Endless
2.2M ohm±25%
±250
Operating Temperature Range: -55 to 125 °C
Soldering Method: Reflow/Soldering Iron
c Features
1. Ultra-small and thin external dimensions of
2.2(W)x2.75(L)x0.90 max.(T)mm.
2. For the terminal attachment method of construction
that uses neither solder nor adhesives, good
solderability and terminal attachment intensity
are realized.
3. Because of multi-contact wiper structure, PVA2 has
a stable characteristics (low noise).
4. PVA2 series does not use a solder, flux or cleaning
solvent, so they are environmentally friendly
products.
5. Heat resistance performance enables high temperature
peak reflow soldering.
6. PVA2 series complies with RoHS directive.
c Applications
1. Thin-model optical pick-up module
2. LCD module
3. Optical communication module
4. Small sensor module
5. Digital camera
6. Small telecommunications equipment, etc.
7. E-Book
R50E.pdf
Jul.23,2012
6
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com