Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PV37W503C01 Datasheet(PDF) 29 Page - Murata Manufacturing Co., Ltd.

Part # PV37W503C01
Description  Trimmer Potentiometers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PV37W503C01 Datasheet(HTML) 29 Page - Murata Manufacturing Co., Ltd.

Back Button PV37W503C01 Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. PV37W503C01 Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. PV37W503C01 Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. PV37W503C01 Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. PV37W503C01 Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. PV37W503C01 Datasheet HTML 30Page - Murata Manufacturing Co., Ltd. PV37W503C01 Datasheet HTML 31Page - Murata Manufacturing Co., Ltd. PV37W503C01 Datasheet HTML 32Page - Murata Manufacturing Co., Ltd. PV37W503C01 Datasheet HTML 33Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 55 page
background image
Part Number
Power Rating
(W)
Number of Turns
(Effective Rotation Angle)
Total Resistance Value
TCR
(ppm/°C)
PVG5H100C03
0.25(70°C)
11
10ohm±10%
±150
PVG5H200C03
0.25(70°C)
11
20ohm±10%
±150
PVG5H500C03
0.25(70°C)
11
50ohm±10%
±150
PVG5H101C03
0.25(70°C)
11
100ohm±10%
±150
PVG5H201C03
0.25(70°C)
11
200ohm±10%
±150
PVG5H501C03
0.25(70°C)
11
500ohm±10%
±150
PVG5H102C03
0.25(70°C)
11
1k ohm±10%
±150
PVG5H202C03
0.25(70°C)
11
2k ohm±10%
±150
PVG5H502C03
0.25(70°C)
11
5k ohm±10%
±150
PVG5H103C03
0.25(70°C)
11
10k ohm±10%
±150
PVG5H203C03
0.25(70°C)
11
20k ohm±10%
±150
PVG5H503C03
0.25(70°C)
11
50k ohm±10%
±150
PVG5H104C03
0.25(70°C)
11
100k ohm±10%
±150
PVG5H204C03
0.25(70°C)
11
200k ohm±10%
±150
PVG5H504C03
0.25(70°C)
11
500k ohm±10%
±150
PVG5H105C03
0.25(70°C)
11
1M ohm±10%
±150
PVG5H205C03
0.25(70°C)
11
2M ohm±10%
±150
Operating Temperature Range: -55 to 125 °C
Soldering Method: Reflow/Soldering Iron
#2 Terminal
Case
Gear
Adjustment Screw
Resistive Element
Wiper
Ceramic Substrate
#1, #3 Terminal
c Construction
2.0
1.3
1.2
1.3
(Tolerance: ±0.1
in mm)
c Standard Land Pattern
PVG5A
(Tolerance: ±0.1
in mm)
2.0
1.3
1.0
1.3
PVG5H
R50E.pdf
Jul.23,2012
27
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
5
Side Adjustment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com