Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F050F4 Datasheet(PDF) 59 Page - STMicroelectronics

Part # STM32F050F4
Description  Low- and medium-density advanced ARM-based 32-bit MCU with up to 32 Kbytes Flash, timers, ADC and comm. interfaces
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F050F4 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STM32F050F4 Datasheet HTML 55Page - STMicroelectronics STM32F050F4 Datasheet HTML 56Page - STMicroelectronics STM32F050F4 Datasheet HTML 57Page - STMicroelectronics STM32F050F4 Datasheet HTML 58Page - STMicroelectronics STM32F050F4 Datasheet HTML 59Page - STMicroelectronics STM32F050F4 Datasheet HTML 60Page - STMicroelectronics STM32F050F4 Datasheet HTML 61Page - STMicroelectronics STM32F050F4 Datasheet HTML 62Page - STMicroelectronics STM32F050F4 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 97 page
background image
STM32F050xx
Electrical characteristics
Doc ID 023683 Rev 1
59/97
Low-speed internal (LSI) RC oscillator
Wakeup time from low-power mode
The wakeup times given in Table 36 is measured on a wakeup phase with a 8-MHz HSI RC
oscillator. The event used to wake up the device depends from the current operating mode:
●
Stop or sleep mode: the wakeup event is WFE.
●
The wakeup pin used in sleep, stop and standby modes is PA0.
All timings are derived from tests performed under ambient temperature and VDD supply
voltage conditions summarized in Table 15: General operating conditions.
Table 35.
LSI oscillator characteristics(1)
1.
VDDA = 3.3 V, TA = –40 to 105 °C unless otherwise specified.
Symbol
Parameter
Min
Typ
Max
Unit
fLSI
Frequency
30
40
50
kHz
tsu(LSI)
(2)
2.
Guaranteed by design, not tested in production.
LSI oscillator startup time
-
-
85
µs
IDDA(LSI)
(2)
LSI oscillator power consumption
-
0.75
1.2
µA
Table 36.
Low-power mode wakeup timings
Symbol
Parameter
Conditions
Typ @VDD
Max Unit
= 2.0 V
= 2.4 V
= 2.7 V
= 3 V
= 3.3 V
tWUSTOP
Wakeup from Stop
mode
Regulator in run
mode
4.24.2
4.24.2
4.2
5
µs
Regulator in low
power mode
8.05
7.05
6.6
6.27
6.05
9
tWUSTANDBY Wakeup from
Standby mode
60.35
55.6
53.5
52.02
50.96
tWUSLEEP
Wakeup from Sleep
mode
1.11.1
1.11.1
1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com