Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F050F4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32F050F4
Description  Low- and medium-density advanced ARM-based 32-bit MCU with up to 32 Kbytes Flash, timers, ADC and comm. interfaces
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F050F4 Datasheet(HTML) 1 Page - STMicroelectronics

  STM32F050F4 Datasheet HTML 1Page - STMicroelectronics STM32F050F4 Datasheet HTML 2Page - STMicroelectronics STM32F050F4 Datasheet HTML 3Page - STMicroelectronics STM32F050F4 Datasheet HTML 4Page - STMicroelectronics STM32F050F4 Datasheet HTML 5Page - STMicroelectronics STM32F050F4 Datasheet HTML 6Page - STMicroelectronics STM32F050F4 Datasheet HTML 7Page - STMicroelectronics STM32F050F4 Datasheet HTML 8Page - STMicroelectronics STM32F050F4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 97 page
background image
This is information on a product in full production.
November 2012
Doc ID 023683 Rev 1
1/97
1
STM32F050x4 STM32F050x6
Low- and medium-density advanced ARM™-based 32-bit MCU with
up to 32 Kbytes Flash, timers, ADC and comm. interfaces
Datasheet
−production data
Features
■ Core: ARM 32-bit Cortex™-M0 CPU,
frequency up to 48 MHz
■ Memories
– 16 to 32 Kbytes of Flash memory
– 4 Kbytes of SRAM with HW parity checking
■ CRC calculation unit
■ Reset and supply management
– Voltage range: 2.0 V to 3.6 V
– Power-on/Power-down reset (POR/PDR)
– Programmable voltage detector (PVD)
– Low power modes: Sleep, Stop and
Standby
–VBAT supply for RTC and backup registers
■ Clock management
– 4 to 32 MHz crystal oscillator
– 32 kHz oscillator for RTC with calibration
– Internal 8 MHz RC with x6 PLL option
– Internal 40 kHz RC oscillator
■ Up to 39 fast I/Os
– All mappable on external interrupt vectors
– Up to 25 I/Os with 5 V tolerant capability
■ 5-channel DMA controller
■ 1 × 12-bit, 1.0 µs ADC (up to 10 channels)
– Conversion range: 0 to 3.6V
– Separate analog supply from 2.4 up to
3.6 V
■ Up to 9 timers
– 1 x 16-bit 7-channel advanced-control timer
for 6 channels PWM output, with deadtime
generation and emergency stop
– 1 x 32-bit and 1 x 16-bit timer, with up to 4
IC/OC, usable for IR control decoding
– 1 x 16-bit timer, with 2 IC/OC, 1 OCN,
deadtime generation and emergency stop
– 1 x 16-bit timer, with IC/OC and OCN,
deadtime generation, emergency stop and
modulator gate for IR control
– 1 x 16-bit timer with 1 IC/OC
– Independent and system watchdog timers
– SysTick timer: 24-bit downcounter
■ Calendar RTC with alarm and periodic wakeup
from Stop/Standby
■ Communication interfaces
– 1 x I2C interface; supporting Fast Mode
Plus (1 Mbit/s) with 20 mA current sink,
SMBus/PMBus, and wakeup from STOP
– 1 x USART supporting master synchronous
SPI and modem control; one with ISO7816
interface, LIN, IrDA capability auto baud
rate detection and wakeup feature
– 1 x SPI (18 Mbit/s) with 4 to 16
programmable bit frames, with I2S interface
multiplexed
■ Serial wire debug (SWD)
■ 96-bit unique ID
■ Extended temperature range: -40 to +105°C
Table 1.
Device summary
Reference
Part number
STM32F050x4
STM32F050F4, STM32F050G4, STM32F050K4,
STM32F050C4
STM32F050x6
STM32F050F6, STM32F050G6, STM32F050K6,
STM32F050C6
LQFP48 7x7
UFQFPN32 5x5
TSSOP20
UFQFPN28 4x4
www.st.com


Similar Part No. - STM32F050F4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F050F4 STMICROELECTRONICS-STM32F050F4 Datasheet
1Mb / 97P
Low- and medium-density advanced ARM™-based 32-bit MCU with up to 32 Kbytes Flash, timers, ADC and comm. interfaces
22-Nov-2012
More results

Similar Description - STM32F050F4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F051X4 STMICROELECTRONICS-STM32F051X4 Datasheet
1Mb / 104P
Low- and medium-density advanced ARM??based 32-bit MCU
23-Jul-2012
STM32F051C8T6 STMICROELECTRONICS-STM32F051C8T6 Datasheet
1Mb / 104P
Low- and medium-density advanced ARM-based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
23-Jul-2012
STM32F051K6U6 STMICROELECTRONICS-STM32F051K6U6 Datasheet
440Kb / 40P
Low- and medium-density advanced ARM??based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
14-Feb-2012
STM32F050C4T6A STMICROELECTRONICS-STM32F050C4T6A Datasheet
1Mb / 97P
Low- and medium-density advanced ARM??based 32-bit MCU with up to 32 Kbytes Flash, timers, ADC and comm. interfaces
22-Nov-2012
STM32F051K8U6 STMICROELECTRONICS-STM32F051K8U6 Datasheet
1Mb / 104P
Low- and medium-density advanced ARM??based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
23-Jul-2012
STM32F051C6T6 STMICROELECTRONICS-STM32F051C6T6 Datasheet
1Mb / 104P
Low- and medium-density advanced ARM-based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
23-Jul-2012
STM32F051K4U6 STMICROELECTRONICS-STM32F051K4U6 Datasheet
1Mb / 104P
Low- and medium-density advanced ARM??based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
23-Jul-2012
STM32F050K6U6 STMICROELECTRONICS-STM32F050K6U6 Datasheet
1Mb / 97P
Low- and medium-density advanced ARM™-based 32-bit MCU with up to 32 Kbytes Flash, timers, ADC and comm. interfaces
22-Nov-2012
STM32F051R6T6 STMICROELECTRONICS-STM32F051R6T6 Datasheet
1Mb / 104P
Low- and medium-density advanced ARM??based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
23-Jul-2012
STM32F031X4 STMICROELECTRONICS-STM32F031X4 Datasheet
1Mb / 106P
ARM-based 32-bit MCU with up to 32 Kbyte Flash, 9 timers, ADC and communication interfaces, 2.0 - 3.6 V
16-Dec-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com