Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F050F4 Datasheet(PDF) 51 Page - STMicroelectronics

Part # STM32F050F4
Description  Low- and medium-density advanced ARM-based 32-bit MCU with up to 32 Kbytes Flash, timers, ADC and comm. interfaces
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F050F4 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STM32F050F4 Datasheet HTML 47Page - STMicroelectronics STM32F050F4 Datasheet HTML 48Page - STMicroelectronics STM32F050F4 Datasheet HTML 49Page - STMicroelectronics STM32F050F4 Datasheet HTML 50Page - STMicroelectronics STM32F050F4 Datasheet HTML 51Page - STMicroelectronics STM32F050F4 Datasheet HTML 52Page - STMicroelectronics STM32F050F4 Datasheet HTML 53Page - STMicroelectronics STM32F050F4 Datasheet HTML 54Page - STMicroelectronics STM32F050F4 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 97 page
background image
STM32F050xx
Electrical characteristics
Doc ID 023683 Rev 1
51/97
On-chip peripheral current consumption
The current consumption of the on-chip peripherals is given in Table 28. The MCU is placed
under the following conditions:
●
all I/O pins are in input mode with a static value at VDD or VSS (no load)
●
all peripherals are disabled unless otherwise mentioned
●
the given value is calculated by measuring the current consumption
–
with all peripherals clocked off
–
with only one peripheral clocked on
●
ambient operating temperature and VDD supply voltage conditions summarized in
Table 12: Voltage characteristics
Table 28.
Peripheral current consumption
Peripheral
Typical consumption at 25 °C
Unit
IDD
IDDA
ADC(1)
1.
ADC is in ready state after setting the ADEN bit in the ADC_CR register (ADRDY bit in ADC_ISR is high).
0.53
0.964
mA
CRC
0.10
-
DBGMCU
0.18
-
DMA
0.35
-
GPIOA
0.48
-
GPIOB
0.58
-
GPIOC
0.12
-
GPIOF
0.06
-
I2C1
0.43
-
PWR
0.22
-
SPI1/I2S1
0.63
-
SYSCFG
0.28
TIM1
1.01
-
TIM2
1.00
-
TIM3
0.78
-
TIM6
0.32
-
TIM14
0.45
-
TIM16
0.57
-
TIM17
0.59
-
USART1
1.07
-
WWDG
0.22
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com