Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F050F4 Datasheet(PDF) 95 Page - STMicroelectronics

Part # STM32F050F4
Description  Low- and medium-density advanced ARM-based 32-bit MCU with up to 32 Kbytes Flash, timers, ADC and comm. interfaces
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F050F4 Datasheet(HTML) 95 Page - STMicroelectronics

Back Button STM32F050F4 Datasheet HTML 89Page - STMicroelectronics STM32F050F4 Datasheet HTML 90Page - STMicroelectronics STM32F050F4 Datasheet HTML 91Page - STMicroelectronics STM32F050F4 Datasheet HTML 92Page - STMicroelectronics STM32F050F4 Datasheet HTML 93Page - STMicroelectronics STM32F050F4 Datasheet HTML 94Page - STMicroelectronics STM32F050F4 Datasheet HTML 95Page - STMicroelectronics STM32F050F4 Datasheet HTML 96Page - STMicroelectronics STM32F050F4 Datasheet HTML 97Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 95 / 97 page
background image
STM32F050xx
Part numbering
Doc ID 023683 Rev 1
95/97
8
Part numbering
For a list of available options (memory, package, and so on) or for further information on any
aspect of this device, please contact your nearest ST sales office.
Example:STM32
F
050
C
6
T
6
A
x
Device family
STM32 = ARM-based 32-bit microcontroller
Product type
F = General-purpose
Sub-family
050 = STM32F050xx
Pin count
F = 20 pins
G = 28 pins
K = 32 pins
C = 48 pins
Code size
4 = 16 Kbytes of Flash memory
6 = 32 Kbytes of Flash memory
Package
P = TSSOP
U = UFQFPN
T = LQFP
Temperature range
6 = –40 °C to +85 °C
7 = –40 °C to +105 °C
Internal code
A = non-optimized die
Blank = standard die
Options
xxx = programmed parts
TR = tape and real



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com