Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F050F4 Datasheet(PDF) 79 Page - STMicroelectronics

Part # STM32F050F4
Description  Low- and medium-density advanced ARM-based 32-bit MCU with up to 32 Kbytes Flash, timers, ADC and comm. interfaces
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F050F4 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button STM32F050F4 Datasheet HTML 75Page - STMicroelectronics STM32F050F4 Datasheet HTML 76Page - STMicroelectronics STM32F050F4 Datasheet HTML 77Page - STMicroelectronics STM32F050F4 Datasheet HTML 78Page - STMicroelectronics STM32F050F4 Datasheet HTML 79Page - STMicroelectronics STM32F050F4 Datasheet HTML 80Page - STMicroelectronics STM32F050F4 Datasheet HTML 81Page - STMicroelectronics STM32F050F4 Datasheet HTML 82Page - STMicroelectronics STM32F050F4 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 97 page
background image
STM32F050xx
Electrical characteristics
Doc ID 023683 Rev 1
79/97
Table 59.
SPI characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
fSCK
1/tc(SCK)
SPI clock frequency
Master mode
-
18
MHz
Slave mode
-
18
tr(SCK)
tf(SCK)
SPI clock rise and fall
time
Capacitive load: C = 15 pF
-
6
ns
tsu(NSS)
(1)
NSS setup time
Slave mode
4Tpclk
-
ns
th(NSS)
(1)
NSS hold time
Slave mode
2Tpclk + 10
-
tw(SCKH)
(1)
tw(SCKL)
(1)
SCK high and low time
Master mode, fPCLK = 36 MHz,
presc = 4
Tpclk/2 -2
Tpclk/2 + 1
tsu(MI)
(1)
tsu(SI)
(1)
Data input setup time
Master mode
4
-
Slave mode
5
-
th(MI)
(1)
Data input hold time
Master mode
4
-
th(SI)
(1)
Slave mode
5
-
ta(SO)
(1)(2)
Data output access time
Slave mode, fPCLK = 20 MHz
0
3Tpclk
tdis(SO)
(1)(3)
Data output disable time
Slave mode
0
18
tv(SO)
(1)
Data output valid time
Slave mode (after enable edge)
-
22.5
tv(MO)
(1)
Data output valid time
Master mode (after enable edge)
-
6
th(SO)
(1)
Data output hold time
Slave mode (after enable edge)
11.5
-
th(MO)
(1)
Master mode (after enable edge)
2
-
DuCy(SCK)
SPI slave input clock duty
cycle
Slave mode
25
75
%
1.
Data based on characterization results, not tested in production.
2.
Min time is for the minimum time to drive the output and the max time is for the maximum time to validate the data.
3.
Min time is for the minimum time to invalidate the output and the max time is for the maximum time to put the data in Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com