Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F050F4 Datasheet(PDF) 41 Page - STMicroelectronics

Part # STM32F050F4
Description  Low- and medium-density advanced ARM-based 32-bit MCU with up to 32 Kbytes Flash, timers, ADC and comm. interfaces
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F050F4 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STM32F050F4 Datasheet HTML 37Page - STMicroelectronics STM32F050F4 Datasheet HTML 38Page - STMicroelectronics STM32F050F4 Datasheet HTML 39Page - STMicroelectronics STM32F050F4 Datasheet HTML 40Page - STMicroelectronics STM32F050F4 Datasheet HTML 41Page - STMicroelectronics STM32F050F4 Datasheet HTML 42Page - STMicroelectronics STM32F050F4 Datasheet HTML 43Page - STMicroelectronics STM32F050F4 Datasheet HTML 44Page - STMicroelectronics STM32F050F4 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 97 page
background image
STM32F050xx
Electrical characteristics
Doc ID 023683 Rev 1
41/97
6.3.4
Embedded reference voltage
The parameters given in Table 19 are derived from tests performed under ambient
temperature and VDD supply voltage conditions summarized in Table 15: General operating
conditions.
VPVD5
PVD threshold 5
Rising edge
2.57
2.68
2.79
V
Falling edge
2.47
2.58
2.69
V
VPVD6
PVD threshold 6
Rising edge
2.66
2.78
2.9
V
Falling edge
2.56
2.68
2.8
V
VPVD7
PVD threshold 7
Rising edge
2.76
2.88
3
V
Falling edge
2.66
2.78
2.9
V
VPVDhyst
(2)
PVD hysteresis
-
100
-
mV
IDD(PVD)
PVD current consumption
-
0.15
0.26
µA
1.
Data based on characterization results only, not tested in production.
2.
Guaranteed by design, not tested in production.
Table 18.
Programmable voltage detector characteristics (continued)
Symbol
Parameter
Conditions
Min(1)
Typ
Max(1)
Unit
Table 19.
Embedded internal reference voltage
Symbol
Parameter
Conditions
Min Typ
Max
Unit
VREFINT
Internal reference voltage
–40 °C < TA < +105 °C 1.16 1.2
1.25
V
–40 °C < TA < +85 °C
1.16 1.2 1.24(1)
1.
Data based on characterization results, not tested in production.
V
TS_vrefint
(2)
2.
Shortest sampling time can be determined in the application by multiple iterations.
ADC sampling time when
reading the internal
reference voltage
-
5.1
17.1(3)
3.
Guaranteed by design, not tested in production.
µs
ΔVREFINT
Internal reference voltage
spread over the
temperature range
VDDA = 3 V ±10 mV
-
-
10(3)
mV
TCoeff
Temperature coefficient
-
-
100(3) ppm/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com