Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F050F4 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STM32F050F4
Description  Low- and medium-density advanced ARM-based 32-bit MCU with up to 32 Kbytes Flash, timers, ADC and comm. interfaces
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F050F4 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STM32F050F4 Datasheet HTML 25Page - STMicroelectronics STM32F050F4 Datasheet HTML 26Page - STMicroelectronics STM32F050F4 Datasheet HTML 27Page - STMicroelectronics STM32F050F4 Datasheet HTML 28Page - STMicroelectronics STM32F050F4 Datasheet HTML 29Page - STMicroelectronics STM32F050F4 Datasheet HTML 30Page - STMicroelectronics STM32F050F4 Datasheet HTML 31Page - STMicroelectronics STM32F050F4 Datasheet HTML 32Page - STMicroelectronics STM32F050F4 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 97 page
background image
STM32F050xx
Pinouts and pin description
Doc ID 023683 Rev 1
29/97
41
28
26
-
PB5
I/O
FT
SPI1_MOSI,
I2S1_SD,
I2C1_SMBA,
TIM16_BKIN,
TIM3_CH2
42
29
27
-
PB6
I/O
FTf
I2C1_SCL,
USART1_TX,
TIM16_CH1N
43
30
28
-
PB7
I/O
FTf
I2C1_SDA,
USART1_RX,
TIM17_CH1N
44
31
1
1
BOOT0
I
B
Boot memory selection
45
32
-
-
PB8
I/O
FTf
I2C1_SCL,
TIM16_CH1
46
-
-
-
PB9
I/O
FTf
I2C1_SDA,
IR_OUT,
TIM17_CH1,
EVENTOUT
47
0
-
-
VSS
S
Ground
48
1
-
-
VDD
S
Digital power supply
1.
PC13, PC14 and PC15 are supplied through the power switch. Since the switch only sinks a limited amount of current
(3 mA), the use of GPIO PC13 to PC15 in output mode is limited:
- The speed should not exceed 2 MHz with a maximum load of 30 pF
- these GPIOs must not be used as a current sources (e.g. to drive an LED).
2.
After the first backup domain power-up, PC13, PC14 and PC15 operate as GPIOs. Their function then depends on the
content of the Backup registers which is not reset by the main reset. For details on how to manage these GPIOs, refer to the
Battery backup domain and BKP register description sections in the STM32F05xx reference manual.
3.
This alternate feature is available on standard dies only.
4.
After reset, these pins are configured as SWDAT and SWCLK alternate functions, and the internal pull-up on SWDAT pin
and internal pull-down on SWCLK pin are activated.
Table 8.
Pin definitions (continued)
Pin number
Pin name
(function after
reset)
Notes
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com