Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPBT2532C2.AT2 Datasheet(PDF) 12 Page - STMicroelectronics

Part # SPBT2532C2.AT2
Description  Bluetooth V2.1 EDR module class 2 embedding SPP and AT commands
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT2532C2.AT2 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button SPBT2532C2.AT2 Datasheet HTML 8Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 9Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 10Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 11Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 12Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 13Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 14Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 15Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Hardware specifications
SPBT2532C2.AT2
12/27
Doc ID 023461 Rev 1
5.5
I/O operating characteristics
5.6
Selected RF characteristics
Table 5.
I/O operating characteristics
Symbol
Parameter
Min.
Max.
Unit
Conditions
VIL
Low-level input voltage
-
0.9
V
VIN, 3.0 V
VIH
High-level input voltage
2.1
-
V
VIN, 3.0 V
VOL
Low-level output voltage
-
0.4
V
VIN, 3.0 V
VOH
High-level output voltage
2.2
-
V
VIN, 3.0 V
IOL
Low-level output current
-
4.0
mA
VOL = 0.4 V
IOH
High-level output current
-
4.0
mA
VOH = 2.2 V
RPU
Pull-up resistor
80
120
k
Ω
Resistor turned on
RPD
Pull-down resistor
80
120
k
Ω
Resistor turned on
Table 6.
Selected RF characteristics
Parameter
Conditions
Typ.
Unit
Antenna load
50
ohm
Radio receiver
Sensitivity level
BER < .001 with DH5
-85
dBm
Maximum usable level
BER < .001 with DH1
+8
dBm
Input VSWR
2.5:1
Radio transmitter
Maximum output power
50
Ω load
+2
dBm
Initial carrier frequency tolerance
± 30
kHz
20 dB bandwidth for modulated carrier
935
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com