Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPBT2532C2.AT2 Datasheet(PDF) 23 Page - STMicroelectronics

Part # SPBT2532C2.AT2
Description  Bluetooth V2.1 EDR module class 2 embedding SPP and AT commands
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT2532C2.AT2 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button SPBT2532C2.AT2 Datasheet HTML 19Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 20Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 21Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 22Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 23Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 24Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 25Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 26Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
SPBT2532C2.AT2
Application information
Doc ID 023461 Rev 1
23/27
8.4
Reset circuit
Two types of system reset circuits are detailed below.
8.4.1
External reset circuit
Figure 14.
External reset circuit
Note:
RPU ranges from 30 k
Ω to 50 kΩ internally.
8.4.2
Internal reset circuit
Figure 15.
Internal reset circuit
Note:
1
RPU ranges from 30 kΩ to 50 kΩ internally.
2RRST should be from 1 kΩ to 10 kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com