Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPBT2532C2.AT2 Datasheet(PDF) 22 Page - STMicroelectronics

Part # SPBT2532C2.AT2
Description  Bluetooth V2.1 EDR module class 2 embedding SPP and AT commands
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT2532C2.AT2 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button SPBT2532C2.AT2 Datasheet HTML 18Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 19Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 20Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 21Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 22Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 23Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 24Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 25Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
Application information
SPBT2532C2.AT2
22/27
Doc ID 023461 Rev 1
8.2
Antenna coupling
Despite the type of antenna chosen, the connection between the RF out pin and the
antenna must be realized to get the maximum power transfer.
As a general rule, the characteristic impedance (Z0) of the connection must be fixed at the
value of 50
Ω. The connection trace must be matched to respect such a condition.
50
Ω¸ matching depends on various factors and elements that must be taken into
consideration:
●
Type of material, i.e. FR4 or others
●
The electrical characteristics of the material, among them the electric constant,
εr, at
2.4 GHz
●
PCB and traces mechanical dimensions:
–
PCB thickness
–
Reference ground thickness
–
Trace width
–
Trace thickness.
8.3
Example of trace calculation
Example of strip line calculation:
●
To get a strip line of 50
Ω, using a 1 mm thick FR4 board, with an
εr = 4.3 at 2.4 GHz,
with Cu thickness of 41
µm, the strip line width must be 1.9 mm (micro strip type
calculation).
Tools for calculating the characteristic impedance, based on the physical and mechanical
characteristics of the PCB, can be easily found online.
Figure 13.
Parameters for trace matching



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com