Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPBT2532C2.AT2 Datasheet(PDF) 17 Page - STMicroelectronics

Part # SPBT2532C2.AT2
Description  Bluetooth V2.1 EDR module class 2 embedding SPP and AT commands
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT2532C2.AT2 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button SPBT2532C2.AT2 Datasheet HTML 13Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 14Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 15Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 16Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 17Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 18Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 19Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 20Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
SPBT2532C2.AT2
Hardware design
Doc ID 023461 Rev 1
17/27
7
Hardware design
The SPBT2532C2.AT2 module with AT2 command embedded FW supports UAR and GPIO
hardware interfaces. Note that the usage of these interfaces is dependent upon the firmware
that is loaded into the module, and is beyond the scope of this document. The AT2
command interface uses the main UART by default.
Note:
1
All unused pins should be left floating; do not ground.
2
All GND pins must be well grounded.
3
The area around the module should be free of any ground planes, power planes, trace
routings, or metal, for 6 mm from the antenna in all directions.
4
Traces should not be routed underneath the module.
7.1
Module reflow installation
The SPB2532C2.AT2 is a surface mount Bluetooth module supplied on a 14-pin, 6-layer
PCB. The final assembly recommended reflow profiles are indicated here below.
The soldering phase must be executed with care: in order to avoid undesired melting
phenomenon, particular attention must be paid to the setup of the peak temperature.
The following are some suggestions for the temperature profile based on IPC/JEDEC J-
STD-020C, July 2004 recommendations.
Table 8.
Soldering
Profile feature
PB-free assembly
Average ramp-up rate (TSMAX to TP)
3 °C/sec max.
Preheat:
– Temperature min. (TS min.)
– Temperature max. (TS max.)
–Time (ts min. to ts max.)(ts)
150 °C
200 °C
60-100 sec
Time maintained above:
– Temperature TL
– Temperature TL
217 °C
60-70 sec
Peak temperature (TP)
240 + 0 °C
Time within 5 °C of actual peak temperature (TP)
10-20 sec
Ramp-down rate
6 °C/sec
Time from 25 °C to peak temperature
8 minutes max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com