Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPBT2532C2.AT2 Datasheet(PDF) 13 Page - STMicroelectronics

Part # SPBT2532C2.AT2
Description  Bluetooth V2.1 EDR module class 2 embedding SPP and AT commands
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT2532C2.AT2 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button SPBT2532C2.AT2 Datasheet HTML 9Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 10Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 11Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 12Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 13Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 14Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 15Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 16Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
SPBT2532C2.AT2
Hardware specifications
Doc ID 023461 Rev 1
13/27
5.7
Pin assignment
Table 7.
Pin assignment
Name
Type
Pin#
Description
ALT function(1) (2)
5 V
tolerant
Initial state
UART interface
RXD
I
13
Receive data
ADC 3
Y
TXD
O
14
Transmit data
ADC 2
Y
RTS
O
12
Request to send (active low)
ADC 0 I2C clock/aux
UART Rx
Y
CTS
I
11
Clear to send (active low)
ADC 1 I2C data/aux
UART Tx
Y
Boot loader
Boot 0
I
9
Boot 0
Power and ground
Vin
8
Vin
GND
5,7
GND
Reset
RESETN
I
10
Reset input (active low for 5 ms)
Antenna
ANT
RF
I/O
6
50
Ω Rx/Tx antenna port
GPIO - general purpose input/output
GPIO [1]
I/O
1
General purpose input/output
SPI MISO
Y
Input pull-down
GPIO [2]
I/O
2
General purpose input/output
SPI MOSI/I2S_SD
Y
Floating
GPIO [3]
I/O
3
General purpose input/output
SPI SCLK/ I2S_CK
Y
Input pull-down
GPIO [4]
I/O
4
General purpose input/output
SPI SS/I2S_WS
Y
Input pull-down
1.
ADC pin functions are not 5 V tolerant when used as ALT pin function. Otherwise the I/O pins are all 5 V tolerant.
2.
Please note that the usage of ALT function is dependant upon the firmware that is loaded into the module, and is beyond
the scope of this document. The AT command interface uses the main UART by default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com