Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPBT2532C2.AT2 Datasheet(PDF) 24 Page - STMicroelectronics

Part # SPBT2532C2.AT2
Description  Bluetooth V2.1 EDR module class 2 embedding SPP and AT commands
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT2532C2.AT2 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button SPBT2532C2.AT2 Datasheet HTML 19Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 20Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 21Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 22Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 23Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 24Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 25Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 26Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
Regulatory compliance
SPBT2532C2.AT2
24/27
Doc ID 023461 Rev 1
9
Regulatory compliance
●
BQB
–
BQB qualified design, QD ID: B016360
–
Product type: End Product
–
TGP version: Core 2.1/2.1 + EDR TCRL-2009-1
–
Core spec version: 2.1/2.1 + EDR
–
Product descriptions: Bluetooth module
●
CE
–
CE Expert opinion: 307-ARAJ00079
–
Measurements have been performed in accordance with (report available on
request):
–
EN 300 328 V 1.7.1 (2006-10) (a)
–
EN 301 489-17 V 2.1.1 (2009) (b)
–
EN60950-1:2006 +A11:2009+A1:2010 (c)
CE certified:
a.
EN 300 328 V 1.7.1 (2006-10): “electromagnetic compatibility and radio spectrum matters (ERM); wideband
transmission systems; data transmission equipment operating in the 2.4 GHZ ISM band and using wideband
modulation techniques; harmonized EN covering essential requirements under article 3.2 of the R&TTE
directive”.
b.
EN 301 489-17 V 2.1.1 (2009): “electromagnetic compatibility and radio spectrum matters (ERM);
electromagnetic compatibility (EMC) standard for radio equipment and services; part 17: specific condition for
2.4 GHz wideband transmission systems and 5 GHz high performance RLAN equipment”.
c.
EN60950-1:2006 +A11:2009+A1:2010: “Information technology equipment - safety”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com