Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPBT2532C2.AT2 Datasheet(PDF) 16 Page - STMicroelectronics

Part # SPBT2532C2.AT2
Description  Bluetooth V2.1 EDR module class 2 embedding SPP and AT commands
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT2532C2.AT2 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button SPBT2532C2.AT2 Datasheet HTML 12Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 13Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 14Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 15Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 16Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 17Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 18Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 19Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Hardware block diagram
SPBT2532C2.AT2
16/27
Doc ID 023461 Rev 1
6
Hardware block diagram
Figure 5.
SPBT2532C2.AT2 module block diagram
Battery or Supply
Regulator
Host Controller
Interface
BP
Filter
LPO
Clock
I2S/
PCM
256K Flash
48K RAM
UART
ARM Cortex MCU
STM32
GPIO
UART
STLC2500DB
AM14807v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com