Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68ICS08GR Datasheet(PDF) 209 Page - Freescale Semiconductor, Inc

Part # M68ICS08GR
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68ICS08GR Datasheet(HTML) 209 Page - Freescale Semiconductor, Inc

Back Button M68ICS08GR Datasheet HTML 205Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 206Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 207Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 208Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 209Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 210Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 211Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 212Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 213Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 408 page
background image
Input/Output Ports (I/O)
Port A
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Input/Output Ports (I/O)
209
16.3 Port A
Port A is an 4-bit special-function port that shares all four of its pins with
the keyboard interrupt (KBI) module. Port A also has software
configurable pullup devices if configured as an input port.
16.3.1 Port A Data Register
The port A data register (PTA) contains a data latch for each of the four
port A pins.
PTA3–PTA0 — Port A Data Bits
These read/write bits are software programmable. Data direction of
each port A pin is under the control of the corresponding bit in data
direction register A. Reset has no effect on port A data.
KBD3–KBD0 — Keyboard Inputs
The keyboard interrupt enable bits, KBIE3–KBIE0, in the keyboard
interrupt control register (KBICR) enable the port A pins as external
interrupt pins. See Keyboard Interrupt (KBI).
Address:
$0000
Bit 7
654321
Bit 0
Read:
0000
PTA3
PTA2
PTA1
PTA0
Write:
Reset:
Unaffected by reset
Alternate
Function:
KBD3
KBD2
KBD1
KBD0
Figure 16-2. Port A Data Register (PTA)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com