Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68ICS08GR Datasheet(PDF) 87 Page - Freescale Semiconductor, Inc

Part # M68ICS08GR
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68ICS08GR Datasheet(HTML) 87 Page - Freescale Semiconductor, Inc

Back Button M68ICS08GR Datasheet HTML 83Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 84Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 85Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 86Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 87Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 88Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 89Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 90Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 91Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 408 page
background image
Analog-to-Digital Converter (ADC)
I/O Registers
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Analog-to-Digital Converter (ADC)
87
5.8.2 ADC Data Register
One 8-bit result register, ADC data register (ADR), is provided. This
register is updated each time an ADC conversion completes.
00
01
1
PTB3/ATD3
00
10
0
PTB4/ATD4
00
10
1
PTB5/ATD5
00
11
0
Reserved
00
11
1
Reserved
↓↓↓
↓↓
Reserved
11
01
1
Reserved
11
10
0
Reserved
11
10
1
VREFH
11
11
0
VREFL
1
1
1
1
1
ADC power off
NOTE: If an unknown channel is selected it should be made clear what value the user will read
from the ADC Data Register, unknown or reserved is not specific enough.
Table 5-1. Mux Channel Select
ADCH4
ADCH3
ADCH2
ADCH1
ADCH0
Input Select
Address:
$0003D
Bit 7
654321
Bit 0
Read:
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
Write:
Reset:
00000000
= Unimplemented
Figure 5-3. ADC Data Register (ADR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com