Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68ICS08GR Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # M68ICS08GR
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68ICS08GR Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button M68ICS08GR Datasheet HTML 38Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 39Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 40Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 41Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 42Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 43Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 44Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 45Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 408 page
background image
Memory Map
Technical Data
MC68HC908GR8 — Rev 4.0
42
Memory Map
MOTOROLA
$001E
Configuration Register 2
(CONFIG2)†
Read:
000000
OSC-
STOPENB
SCIBD-
SRC
Write:
Reset:
00000000
$001F
Configuration Register 1
(CONFIG1)†
Read:
COPRS
LVISTOP LVIRSTD LVIPWRD LVI5OR3†
SSREC
STOP
COPD
Write:
Reset:
00000000
$0020
Timer 1 Status and Control
Register (T1SC)
Read:
TOF
TOIE
TSTOP
00
PS2
PS1
PS0
Write:
0
TRST
Reset:
00100000
$0021
Timer 1 Counter Register
High (T1CNTH)
Read:
Bit 15
14
13
12
11
10
9
Bit 8
Write:
Reset:
00000000
$0022
Timer 1 Counter Register
Low (T1CNTL)
Read:
Bit 7
654321
Bit 0
Write:
Reset:
00000000
$0023
Timer 1 Counter Modulo
Register High (T1MODH)
Read:
Bit 15
14
13
12
11
10
9
Bit 8
Write:
Reset:
11111111
$0024
Timer 1 Counter Modulo
Register Low (T1MODL)
Read:
Bit 7
654321
Bit 0
Write:
Reset:
11111111
$0025
Timer 1 Channel 0 Status
and Control Register
(T1SC0)
Read:
CH0F
CH0IE
MS0B
MS0A
ELS0B
ELS0A
TOV0
CH0MAX
Write:
0
Reset:
00000000
$0026
Timer 1 Channel 0
Register High (T1CH0H)
Read:
Bit 15
14
13
12
11
10
9
Bit 8
Write:
Reset:
Indeterminate after reset
$0027
Timer 1 Channel 0
Register Low (T1CH0L)
Read:
Bit 7
654321
Bit 0
Write:
Reset:
Indeterminate after reset
† One-time writeable register after each reset, except LVI5OR3 bit. LVI5OR3 bit is only reset via POR (power-on reset).
Addr.
Register Name
Bit 7
654321
Bit 0
= Unimplemented
R = Reserved
U = Unaffected
Figure 2-2. Control, Status, and Data Registers (Sheet 4 of 8)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com