Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68ICS08GR Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # M68ICS08GR
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68ICS08GR Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button M68ICS08GR Datasheet HTML 11Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 12Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 13Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 14Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 15Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 16Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 17Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 18Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 408 page
background image
Table of Contents
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Table of Contents
15
22.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 335
22.3
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 336
22.4
Pin Name Conventions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 336
22.5
Functional Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 337
22.6
Interrupts. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 346
22.7
Low-Power Modes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .347
22.8
TIM During Break Interrupts . . . . . . . . . . . . . . . . . . . . . . . . . . 348
22.9
I/O Signals . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 348
22.10 I/O Registers. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 349
Section 23. Electrical Specifications
23.1
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 361
23.2
Absolute Maximum Ratings . . . . . . . . . . . . . . . . . . . . . . . . . .362
23.3
Functional Operating Range. . . . . . . . . . . . . . . . . . . . . . . . . . 363
23.4
Thermal Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 363
23.5
5.0 V DC Electrical Characteristics. . . . . . . . . . . . . . . . . . . . . 364
23.6
3.0 V DC Electrical Characteristics. . . . . . . . . . . . . . . . . . . . . 366
23.7
5.0 V Control Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 368
23.8
3.0 V Control Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 369
23.9
Output High-Voltage Characteristics . . . . . . . . . . . . . . . . . . .370
23.10 Output Low-Voltage Characteristics . . . . . . . . . . . . . . . . . . . . 373
23.11 Typical Supply Currents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 376
23.12 ADC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 378
23.13 5.0 V SPI Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . 379
23.14 3.0 V SPI Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . 380
23.15 Timer Interface Module Characteristics . . . . . . . . . . . . . . . . . 383
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com