Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68ICS08GR Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # M68ICS08GR
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68ICS08GR Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button M68ICS08GR Datasheet HTML 24Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 25Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 26Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 27Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 28Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 29Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 30Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 31Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 408 page
background image
General Description
Technical Data
MC68HC908GR8 — Rev 4.0
28
General Description
MOTOROLA
•
4-bit keyboard wakeup port
•
32-pin quad flat pack (QFP) or 28-pin plastic dual-in-line package
(DIP) or 28-pin small outline integrated circuit (SOIC)
•
Specific features of the MC68HC908GR8 in 28-pin DIP and 28-pin
SOIC are:
–
Port B is only 4 bits: PTB0–PTB3; 4-channel ADC module
–
No Port C bits
1.3.2 Features of the CPU08
Features of the CPU08 include:
•
Enhanced HC05 programming model
•
Extensive loop control functions
•
16 addressing modes (eight more than the HC05)
•
16-bit index register and stack pointer
•
Memory-to-memory data transfers
•
Fast 8
× 8 multiply instruction
•
Fast 16/8 divide instruction
•
Binary-coded decimal (BCD) instructions
•
Optimization for controller applications
•
Efficient C language support
1.4 MCU Block Diagram
Figure 1-1 shows the structure of the MC68HC908GR8.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com