Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68ICS08GR Datasheet(PDF) 82 Page - Freescale Semiconductor, Inc

Part # M68ICS08GR
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68ICS08GR Datasheet(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button M68ICS08GR Datasheet HTML 78Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 79Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 80Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 81Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 82Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 83Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 84Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 85Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 86Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 408 page
background image
Analog-to-Digital Converter (ADC)
Technical Data
MC68HC908GR8 — Rev 4.0
82
Analog-to-Digital Converter (ADC)
MOTOROLA
5.4.2 Voltage Conversion
When the input voltage to the ADC equals VREFH, the ADC converts the
signal to $FF (full scale). If the input voltage equals VREFL, the ADC
converts it to $00. Input voltages between VREFH and VREFL are a
straight-line linear conversion. All other input voltages will result in $FF,
if greater than VREFH.
NOTE:
Inside the ADC module, the reference voltage, VREFH is connected to the
ADC analog power VDDAD; and VREFL is connected to the ADC analog
ground VDDAD. Therefore, the ADC input voltage should not exceed the
analog supply voltages
For operation, VDDAD should be tied to the same potential as VDD via
separate traces
5.4.3 Conversion Time
Conversion starts after a write to the ADSCR. One conversion will take
between 16 and 17 ADC clock cycles. The ADIVx and ADICLK bits
should be set to provide a 1 MHz ADC clock frequency.
5.4.4 Conversion
In continuous conversion mode, the ADC data register will be filled with
new data after each conversion. Data from the previous conversion will
be overwritten whether that data has been read or not. Conversions will
continue until the ADCO bit is cleared. The COCO/IDMAS bit is set after
the first conversion and will stay set until the next write of the ADC status
and control register or the next read of the ADC data register.
In single conversion mode, conversion begins with a write to the
ADSCR. Only one conversion occurs between writes to the ADSCR.
16 to17 ADC cycles
ADC frequency
Conversion time =
Number of bus cycles = conversion time x bus frequency
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com