Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68ICS08GR Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # M68ICS08GR
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68ICS08GR Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button M68ICS08GR Datasheet HTML 58Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 59Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 60Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 61Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 62Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 63Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 64Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 65Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 408 page
background image
Resets and Interrupts
Technical Data
MC68HC908GR8 — Rev 4.0
62
Resets and Interrupts
MOTOROLA
4.3.2 External Reset
A logic 0 applied to the RST pin for a time, tIRL, generates an external
reset. An external reset sets the PIN bit in the SIM reset status register.
4.3.3 Internal Reset
Sources:
•
Power-on reset (POR)
•
Computer operating properly (COP)
•
Low-power reset circuits
•
Illegal opcode
•
Illegal address
All internal reset sources pull the RST pin low for 32 CGMXCLK cycles
to allow resetting of external devices. The MCU is held in reset for an
additional 32 CGMXCLK cycles after releasing the RST pin.
Figure 4-1. Internal Reset Timing
4.3.3.1 Power-On Reset
A power-on reset is an internal reset caused by a positive transition on
the VDD pin. VDD at the POR must go completely to 0 V to reset the MCU.
This distinguishes between a reset and a POR. The POR is not a brown-
out detector, low-voltage detector, or glitch detector.
RST PIN
PULLED LOW BY MCU
INTERNAL
32 CYCLES
32 CYCLES
CGMXCLK
RESET
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com