Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68ICS08GR Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # M68ICS08GR
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68ICS08GR Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button M68ICS08GR Datasheet HTML 55Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 56Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 57Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 58Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 59Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 60Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 61Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 62Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 408 page
background image
Low Power Modes
Technical Data
MC68HC908GR8 — Rev 4.0
59
Low Power Modes
MOTOROLA
•
Low-voltage inhibit (LVI) reset — A power supply voltage below
the LVItripf voltage resets the MCU and loads the program counter
with the contents of locations $FFFE and $FFFF.
•
Break interrupt — A break interrupt loads the program counter
with the contents of locations $FFFC and $FFFD.
•
Timebase module (TBM) interrupt — A TBM interrupt loads the
program counter with the contents of locations $FFDC and $FFDD
when the timebase counter has rolled over. This allows the TBM
to generate a periodic wakeup from stop mode.
Upon exit from stop mode, the system clocks begin running after an
oscillator stabilization delay. A 12-bit stop recovery counter inhibits the
system clocks for 4096 CGMXCLK cycles after the reset or external
interrupt.
The short stop recovery bit, SSREC, in the configuration register
controls the oscillator stabilization delay during stop recovery. Setting
SSREC reduces stop recovery time from 4096 CGMXCLK cycles to 32
CGMXCLK cycles.
NOTE:
Use the full stop recovery time (SSREC = 0) in applications that use an
external crystal.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com