Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68ICS08GR Datasheet(PDF) 220 Page - Freescale Semiconductor, Inc

Part # M68ICS08GR
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68ICS08GR Datasheet(HTML) 220 Page - Freescale Semiconductor, Inc

Back Button M68ICS08GR Datasheet HTML 216Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 217Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 218Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 219Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 220Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 221Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 222Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 223Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 224Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 408 page
background image
Input/Output Ports (I/O)
Technical Data
MC68HC908GR8 — Rev 4.0
220
Input/Output Ports (I/O)
MOTOROLA
16.6 Port D
Port D is an 7-bit special-function port that shares four of its pins with the
serial peripheral interface (SPI) module and three of its pins with two
timer interface (TIM1 and TIM2) modules. Port D also has software
configurable pullup devices if configured as an input port.
16.6.1 Port D Data Register
The port D data register (PTD) contains a data latch for each of the
seven port D pins.
.
PTD6–PTD0 — Port D Data Bits
These read/write bits are software-programmable. Data direction of
each port D pin is under the control of the corresponding bit in data
direction register D. Reset has no effect on port D data.
T2CH0 — Timer 2 Channel I/O Bits
The PTD6/T2CH0 pin is the TIM2 input capture/output compare pin.
The edge/level select bits, ELSxB:ELSxA, determine whether the
PTD6/T2CH0 pin is a timer channel I/O pin or a general-purpose I/O
pin. See Timer Interface Module (TIM).
Address:
$0003
Bit 7
654321
Bit 0
Read:
0
PTD6
PTD5
PTD4
PTD3
PTD2
PTD1
PTD0
Write:
Reset:
Unaffected by reset
Alternate
Function:
T2CH0
T1CH1
T1CH0
SPSCK
MOSI
MISO
SS
Figure 16-13. Port D Data Register (PTD)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com