Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68ICS08GR Datasheet(PDF) 233 Page - Freescale Semiconductor, Inc

Part # M68ICS08GR
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68ICS08GR Datasheet(HTML) 233 Page - Freescale Semiconductor, Inc

Back Button M68ICS08GR Datasheet HTML 229Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 230Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 231Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 232Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 233Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 234Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 235Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 236Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 237Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 408 page
background image
Serial Communications Interface (SCI)
Pin Name Conventions
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Serial Communications Interface (SCI)
233
18.4 Pin Name Conventions
The generic names of the SCI I/O pins are:
•
RxD (receive data)
•
TxD (transmit data)
SCI I/O (input/output) lines are implemented by sharing parallel I/O port
pins. The full name of an SCI input or output reflects the name of the
shared port pin. Table 18-1 shows the full names and the generic names
of the SCI I/O pins.
The generic pin names appear in the text of this section.
18.5 Functional Description
Figure 18-1 shows the structure of the SCI module. The SCI allows full-
duplex, asynchronous, NRZ serial communication among the MCU and
remote devices, including other MCUs. The transmitter and receiver of
the SCI operate independently, although they use the same baud rate
generator. During normal operation, the CPU monitors the status of the
SCI, writes the data to be transmitted, and processes received data.
The baud rate clock source for the SCI can be selected via the
configuration bit, SCIBDSRC, of the CONFIG2 register ($001E). Source
selection values are shown in Figure 18-1.
Table 18-1. Pin Name Conventions
Generic Pin Names:
RxD
TxD
Full Pin Names:
PE1/RxD
PE0/TxD
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com