Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68ICS08GR Datasheet(PDF) 305 Page - Freescale Semiconductor, Inc

Part # M68ICS08GR
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68ICS08GR Datasheet(HTML) 305 Page - Freescale Semiconductor, Inc

Back Button M68ICS08GR Datasheet HTML 301Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 302Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 303Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 304Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 305Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 306Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 307Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 308Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 309Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 408 page
background image
Serial Peripheral Interface (SPI)
Transmission Formats
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Serial Peripheral Interface (SPI)
305
Figure 20-4. Transmission Format (CPHA = 0)
Figure 20-5. CPHA/SS Timing
When CPHA = 0 for a slave, the falling edge of SS indicates the
beginning of the transmission. This causes the SPI to leave its idle state
and begin driving the MISO pin with the MSB of its data. Once the
transmission begins, no new data is allowed into the shift register from
the transmit data register. Therefore, the SPI data register of the slave
must be loaded with transmit data before the falling edge of SS. Any data
written after the falling edge is stored in the transmit data register and
transferred to the shift register after the current transmission.
20.6.3 Transmission Format When CPHA = 1
Figure 20-6 shows an SPI transmission in which CPHA is logic 1. The
figure should not be used as a replacement for data sheet parametric
information. Two waveforms are shown for SPSCK: one for CPOL = 0
and another for CPOL = 1. The diagram may be interpreted as a master
or slave timing diagram since the serial clock (SPSCK), master in/slave
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
LSB
MSB
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
LSB
MSB
123
4
56
78
SPSCK CYCLE #
FOR REFERENCE
SPSCK; CPOL = 0
SPSCK; CPOL =1
MOSI
FROM MASTER
MISO
FROM SLAVE
SS; TO SLAVE
CAPTURE STROBE
BYTE 1
BYTE 3
MISO/MOSI
BYTE 2
MASTER SS
SLAVE SS
CPHA = 0
SLAVE SS
CPHA = 1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com