Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68ICS08GR Datasheet(PDF) 332 Page - Freescale Semiconductor, Inc

Part # M68ICS08GR
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68ICS08GR Datasheet(HTML) 332 Page - Freescale Semiconductor, Inc

Back Button M68ICS08GR Datasheet HTML 328Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 329Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 330Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 331Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 332Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 333Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 334Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 335Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 336Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 408 page
background image
Timebase Module (TBM)
Technical Data
MC68HC908GR8 — Rev 4.0
332
Timebase Module (TBM)
MOTOROLA
NOTE:
Do not change TBR2–TBR0 bits while the timebase is enabled
(TBON = 1).
TACK— Timebase ACKnowledge
The TACK bit is a write-only bit and always reads as 0. Writing a logic
1 to this bit clears TBIF, the timebase interrupt flag bit. Writing a logic
0 to this bit has no effect.
1 = Clear timebase interrupt flag
0 = No effect
TBIE — Timebase Interrupt Enabled
This read/write bit enables the timebase interrupt when the TBIF bit
becomes set. Reset clears the TBIE bit.
1 = Timebase interrupt enabled
0 = Timebase interrupt disabled
TBON — Timebase Enabled
This read/write bit enables the timebase. Timebase may be turned off
to reduce power consumption when its function is not necessary. The
counter can be initialized by clearing and then setting this bit. Reset
clears the TBON bit.
1 = Timebase enabled
0 = Timebase disabled and the counter initialized to 0s
21.6 Interrupts
The timebase module can interrupt the CPU on a regular basis with a
rate defined by TBR2:TBR0. When the timebase counter chain rolls
over, the TBIF flag is set. If the TBIE bit is set, enabling the timebase
interrupt, the counter chain overflow will generate a CPU interrupt
request.
Interrupts must be acknowledged by writing a logic 1 to the TACK bit.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com