Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68ICS08GR Datasheet(PDF) 363 Page - Freescale Semiconductor, Inc

Part # M68ICS08GR
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68ICS08GR Datasheet(HTML) 363 Page - Freescale Semiconductor, Inc

Back Button M68ICS08GR Datasheet HTML 359Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 360Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 361Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 362Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 363Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 364Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 365Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 366Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 367Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 363 / 408 page
background image
Electrical Specifications
Functional Operating Range
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Electrical Specifications
363
23.3 Functional Operating Range
NOTE:
To ensure correct operation of the MCU under all operating conditions,
the user must write data $1C to address $0033 immediately after reset.
This is to ensure proper termination of an unused module within the
MCU.
23.4 Thermal Characteristics
Table 23-2. Functional Operation Range
Characteristic
Symbol
Value
Unit
Operating temperature range
TA
–40 to +125
°C
Operating voltage range
VDD
3.0
±10%
5.0
±10%
V
Table 23-3. Thermal Characteristics
Characteristic
Symbol
Value
Unit
Thermal resistance
PDIP (28-pin)
SOIC (28-pin)
QFP (32-pin)
θ
JA
60
60
95
°C/W
I/O pin power dissipation
PI/O
User-Determined
W
Power dissipation(1)
1. Power dissipation is a function of temperature.
PD
PD = (IDD × VDD) + PI/O =
K/(TJ + 273 °C)
W
Constant(2)
2. K is a constant unique to the device. K can be determined for a known TA and measured
PD. With this value of K, PD and TJ can be determined for any value of TA.
K
PD x (TA + 273 °C)
+ PD
2
× θ
JA
W/
°C
Average junction temperature
TJ
TA + (PD × θJA)
°C
Maximum junction temperature
TJM
140
°C
Notes:
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com